Electronic Components Datasheet Search
  English  ▼

X  

HT47C20 Datasheet(PDF) 55 Page - Holtek Semiconductor Inc

Part # HT47C20
Description  8-Bit Microcontroller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C20 Datasheet(HTML) 55 Page - Holtek Semiconductor Inc

Back Button HT47C20 Datasheet HTML 48Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 49Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 50Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 51Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 52Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 53Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 54Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 55Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 56Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 55 / 56 page
background image
TABRDL [m]
Move the ROM code (last page) to TBLH and data memory
Description
The low byte of ROM code (last page) addressed by the table pointer
(TBLP) is moved to the data memory and the high byte transferred to
TBLH directly.
Operation
[m] ¬ ROM code (low byte)
TBLH ¬ ROM code (high byte)
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾¾¾¾¾¾
XOR A,[m]
Logical XOR accumulator with data memory
Description
Data in the accumulator and the indicated data memory performs a
bitwise logical Exclusive_OR operation and the result is stored in the ac-
cumulator.
Operation
ACC ¬ ACC ²XOR² [m]
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾
¾
¾Ö¾
¾
XORM A,[m]
Logical XOR data memory with accumulator
Description
Data in the indicated data memory and the accumulator perform a
bitwise logical Exclusive_OR operation. The result is stored in the data
memory. The zero flag is affected.
Operation
[m] ¬ ACC ²XOR² [m]
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾
¾
¾Ö¾
¾
XOR A,x
Logical XOR immediate data to accumulator
Description
Data in the accumulator and the specified data perform a bitwise logical
Exclusive_OR operation. The result is stored in the accumulator. The
zero flag is affected.
Operation
ACC ¬ ACC ²XOR² x
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾
¾
¾Ö¾
¾
HT47C20
55
January 18, 2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com