Electronic Components Datasheet Search
  English  ▼

X  

HT47C20 Datasheet(PDF) 31 Page - Holtek Semiconductor Inc

Part # HT47C20
Description  8-Bit Microcontroller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C20 Datasheet(HTML) 31 Page - Holtek Semiconductor Inc

Back Button HT47C20 Datasheet HTML 27Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 28Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 29Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 30Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 31Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 32Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 33Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 34Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 35Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
HT47C20
31
January 18, 2000
N o r m a l O pe r a t i on M o d e :
D u r i n g a R eset P u l s e:
CO M 0 , C O M 1 , CO M 2
VD D
1/ 2 V D D
VS S
VD D
1/ 2 V D D
VS S
A l l L C D dr i v er out put s
LC D s egm ent s on C O M
0, 1, 2 s i des b e i n g unl i t
CO M 0
CO M 1
CO M 2
O n l y L C D s e g m ent s on
C O M 0 s i de bei ng l i t
O n l y L C D s e g m ent s on
C O M 1 s i de bei ng l i t
O n l y L C D s e g m ent s on
C O M 2 s i de b e i ng l i t
LC D s egm ent s o n
C O M 0 , 1 s i des bei ng l i t
C O M 0 , 2 s i des bei ng l i t
LC D s egm ent s o n
LC D s egm ent s o n
C O M 1 , 2 s i des bei ng l i t
Ha l t M o d e :
C O M 0 , 1 , 2 s i d es bei ng l i t
LC D s egm ent s o n
CO M 0 , C O M 1 , CO M 2
A l l L C D d r i v e r out put s
VD D
1/ 2 V D D
VS S
VD D
1/ 2 V D D
VS S
VD D
1/ 2 V D D
VS S
VD D
1/ 2 V D D
VS S
VD D
1/ 2 V D D
VS S
VD D
1/ 2 V D D
VS S
VD D
1/ 2 V D D
VS S
VD D
1/ 2 V D D
VS S
VD D
1/ 2 V D D
VS S
VD D
1/ 2 V D D
VS S
VD D
1/ 2 V D D
VS S
VD D
1/ 2 V D D
VS S
VD D
1/ 2 V D D
VS S
LCD driver output (1/3 duty, 1/2 bias)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com