Electronic Components Datasheet Search
  English  ▼

X  

HT47C20 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT47C20
Description  8-Bit Microcontroller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C20 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT47C20 Datasheet HTML 13Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 14Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 15Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 16Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 17Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 18Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 19Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 20Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
HT47C20
17
January 18, 2000
methods are adopted, external reset (a low level
to RES), software instruction, or a HALT instruc-
tion. The software instructions are of two types
which include CLR WDT and the other set - CLR
WDT1 and CLR WDT2. Of these two types of in-
struction, only one can be active depending on
the mask option -²CLR WDT times selection op-
tion².Ifthe ²CLR WDT² is selected (i.e., CLR
WDT times equal one), any execution of the CLR
WDT instruction will clear the WDT. In case ²CLR
WDT1² and ²CLR WDT2² are chosen (i.e. CLR
WDT times equal two), these two instructions
must be executed to clear the WDT; otherwise,
the WDT may reset the chip because of
time-out.
The WDT time-out period ranges from
fs/215~fs/216. Because the ²CLR WDT² or ²CLR
WDT1² and ²CLRWDT2² instruction only clear
the last two-stage of the WDT.
Multi-function timer
The HT47C20 provides a multi-function timer
for WDT, time base and real time clock but with
different time-out periods. The multi-function
timer consists of a 7-stage divider and an 8-bit
prescaler, with the clock source coming from
WDT OSC or RTC OSC or the instruction clock
(i.e., system clock divided by 4). The
multi-function timer also provides a selectable
frequency signal (ranges from fs/22 to fs/28) for
LCD driver circuits, and a selectable frequency
signal (ranges from fs/22 to fs/29) for buzzer out-
put by mask option. It is recommended to select
a near 4kHz signal for LCD driver circuits for
proper display.
Time base
The time base offers a periodic time-out period
to generate a regular internal interrupt. Its
time-out period ranges from fs/212 to fs/215 se-
lected by mask option. If time base time-out oc-
curs, the related interrupt request flag (TBF;
bit 5 of INTC0) is set. But if the interrupt is en-
abled, and the stack is not full, a subroutine call
to location 08H occurs.
When the HALT instruction is executed, the
time base still works (if WDT clock source co-
mes from WDT RC OSC or RTC OSC) and can
wake up from halt mode.
If the TBF is set ²1² before entering the halt
mode, the wake up function will be disable.
S yst e m C l o ck/ 4
D i v i der
Pr e s c a l e r
W D T C l ear
Ma s k
Op t i o n
Se l e c t i o n
WD T
OS C 12k H z
RT C
OS C 327 68H z
f s
CK T
R
CK T
R
T i m e - o ut R es et
f s /2
~ f s /2
15
16
8
f s /2
Watchdog timer
D i v i der
f s
Ma s k O p t i o n
Pr e s c a l e r
LC D D r i v er
T i m e B as e I n t e r r upt
f s /2
~ f s /2
12
15
Bu z z e r
f s /2 ~ f s /2
2
9
f s /2 ~ f s /2
2
8
8
f s /2
Time base



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com