Electronic Components Datasheet Search
  English  ▼

X  

HT47C20 Datasheet(PDF) 51 Page - Holtek Semiconductor Inc

Part # HT47C20
Description  8-Bit Microcontroller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C20 Datasheet(HTML) 51 Page - Holtek Semiconductor Inc

Back Button HT47C20 Datasheet HTML 47Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 48Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 49Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 50Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 51Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 52Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 53Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 54Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 55Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 56 page
background image
SDZA [m]
Decrement data memory and place result in ACC, skip if zero
Description
The contents of the specified data memory are decremented by one. If the
result is zero, the next instruction is skipped. The result is stored in the
accumulator but the data memory remains unchanged. If the result is
zero ,the following instruction, fetched during the current instruction ex-
ecution, is discarded and a dummy cycle is replaced to get the proper in-
struction, that makes a 2-cycle instruction. Otherwise proceed with the
next instruction.
Operation
Skip if ([m]-1)=0, ACC ¬ ([m]-1)
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾¾¾¾¾¾
SET [m]
Set data memory
Description
Each bit of the specified data memory is set to one.
Operation
[m] ¬ FFH
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾¾¾¾¾¾
SET [m].i
Set bit of data memory
Description
Bit i of the specified data memory is set to one.
Operation
[m].i ¬ 1
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾¾¾¾¾¾
SIZ [m]
Skip if increment data memory is zero
Description
The contents of the specified data memory is incremented by one. If the
result is zero, the following instruction, fetched during the current in-
struction execution, is discarded and a dummy cycle is replaced to get the
proper instruction. This is a 2-cycle instruction. Otherwise proceed with
the next instruction.
Operation
Skip if ([m]+1)=0, [m] ¬ ([m]+1)
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾¾¾¾¾¾
HT47C20
51
January 18, 2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com