Electronic Components Datasheet Search
  English  ▼

X  

HT47C20 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT47C20
Description  8-Bit Microcontroller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C20 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT47C20 Datasheet HTML 6Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 7Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 8Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 9Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 10Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 11Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 12Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 13Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
HT47C20
10
January 18, 2000
the stack is not full, the program begins exe-
cution at location 004H.
· Location 008H
This area is reserved for the time base interrupt
service program. If time base interrupt results
from a time base overflow, and if the interrupt is
enabled and the stack is not full, the program
begins execution at location 008H.
· Location 00CH
This area is reserved for the real time clock in-
terrupt service program. If a real time clock
interrupt results from a real time clock over-
flow, and if the interrupt is enabled and the
stack is not full, the program begins execution
at location 00CH.
· Location 010H
This area is reserved for the timer/event coun-
ter interrupt service program. If a timer inter-
rupt results from a timer/event counter A or B
overflow, and if the interrupt is enabled and
the stack is not full, the program begins exe-
cution at location 010H.
· Table location
Any location in the ROM space can be used as
look up tables. The instructions TABRDC [m]
(the current page, 1 page=256 words) and
TABRDL [m] (the last page) transfer the con-
tents of the lower-order byte to the specified
data memory, and the higher-order byte to
TBLH (08H). Only the destination of the
lower-order byte in the table is well-defined,
the higher-order byte of the table word are
transferred to the TBLH. The table
higher-order byte register (TBLH) is read
only. The table pointer (TBLP) is a read/write
register (07H), which indicates the table loca-
tion. Before accessing the table, the location
Mode
Program Counter
*10 *9
*8
*7
*6
*5
*4
*3
*2
*1
*0
Initial reset
0000000000
0
External interrupt
0000000010
0
Time base interrupt
0000000100
0
RTC interrupt
0000000110
0
Timer/event counter interrupt
0000001000
0
Skip
PC+2
Loading PCL
*10 *9
*8
@7
@6
@5
@4
@3
@2
@1
@0
Jump, call branch
#10 #9
#8
#7
#6
#5
#4
#3
#2
#1
#0
Return from subroutine
S10 S9
S8
S7
S6
S5
S4
S3
S2
S1
S0
Program counter
Note: *10~*0: Program counter bits
#10~#0: Instruction code bits
S10~S0: Stack register bits
@7~@0: PCL bits
000 H
004 H
008 H
D e v i c e i ni t i al i z at i on pr ogr am
Ex t er nal i nt er r u pt s ub r out i n e
P r ogr a m
RO M
16 b i t s
Look - up t abl e ( 256 w o r d s )
7F F H
N o t e : n r anges f r o m 0 t o 7
00C H
T i m e b a s e i n te r r u p t s u b r o u t i n e
R T C i n t e r r u p t s ubr out i n e
Look - up t abl e ( 256 w o r d s )
n00H
nF F H
T i m e r / ev ent c ount er i nt er r upt s ubr out i n e
010H
Program memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com