Electronic Components Datasheet Search
  English  ▼

X  

HT47C20 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT47C20
Description  8-Bit Microcontroller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C20 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT47C20 Datasheet HTML 10Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 11Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 12Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 13Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 14Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 15Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 16Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 17Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
HT47C20
14
January 18, 2000
Register
Bit No.
Label
Function
INTC0
(0BH)
0
EMI
Control the master (global) interrupt
(1= enabled; 0= disabled)
1
EEI
Control the external interrupt
(1= enabled; 0= disabled)
2
ETBI
Control the time base interrupt
(1= enabled; 0= disabled)
3
ERTI
Control the real time clock interrupt
(1= enabled; 0= disabled)
4
EIF
External interrupt request flag
(1= active; 0= inactive)
5
TBF
Time base request flag
(1= active; 0= inactive)
6
RTF
Real time clock request flag
(1= active; 0= inactive)
7
¾
Unused bit, read as ²0²
INTC1
(1EH)
0
ETI
Control the timer/event counter interrupt
(1= enabled; 0=disabled)
1
¾
Unused bit, read as ²0²
2
¾
Unused bit, read as ²0²
3
¾
Unused bit, read as ²0²
4TF
Internal timer/event counter request flag
(1= active; 0= inactive)
5
¾
Unused bit, read as ²0²
6
¾
Unused bit, read as ²0²
7
¾
Unused bit, read as ²0²
INTC register
Once an interrupt subroutine is serviced, all
other interrupts will be blocked (by clearing the
EMI bit). This scheme may prevent any further
interrupt nesting. Other interrupt requests
may happen during this interval, but only the
interrupt request flag is recorded. If a certain
interrupt needs servicing within the service
routine, the EMI bit and the corresponding bit
of INTC0 or INTC1 may be set allow interrupt
nesting. If the stack is full, the interrupt request
will not be acknowledged, even if the related in-
terrupt is enabled, until the SP is decremented.
If immediate service is desired, the stack must
be prevented from becoming full.
All these kinds of interrupt have a wake-up ca-
pability. As an interrupt is serviced, a control
transfer occurs by pushing the program counter
onto the stack and then by branching to subrou-
tines at specified location(s) in the program
memory. Only the program counter is pushed
onto the stack. If the contents of the register
and status register (STATUS) is altered by the
interrupt service program which corrupts the
desired control sequence, the contents must be
saved first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com