Electronic Components Datasheet Search
  English  ▼

X  

HT47C20 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT47C20
Description  8-Bit Microcontroller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C20 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT47C20 Datasheet HTML 11Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 12Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 13Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 14Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 15Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 16Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 17Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 18Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
HT47C20
15
January 18, 2000
External interrupt is triggered by a high to low
transition of INT and the related interrupt re-
quest flag (EIF; bit 4 of INTC0) will be set.
When the interrupt is enabled, and the stack is
not full and the external interrupt is active, a
subroutine call to location 04H will occur. The
interrupt request flag (EIF) and EMI bits will
be cleared to disable other interrupts.
The internal timer/event counter interrupt is
initialized by setting the timer/event counter
interrupt request flag (TF; bit 4 of INTC1),
caused by a timer A or timer B overflow. When
the interrupt is enabled, and the stack is not
full and the TF bit is set, a subroutine call to lo-
cation 10H will occur. The related interrupt re-
quest flag (TF) will be reset and the EMI bit
cleared to disable further interrupts.
The time base interrupt is initialized by setting
the time base interrupt request flag (TBF; bit 5
of INTC0), caused by a regular time base sig-
nal. When the interrupt is enabled, and the
stack is not full and the TBF bit is set, a subrou-
tine call to location 08H will occur. The related
interrupt request flag (TBF) will be reset and
the EMI bit cleared to disable further inter-
rupts.
The real time clock interrupt is initialized by
setting the real time clock interrupt request
flag (RTF; bit 6 of INTC0), caused by a regular
real time clock signal. When the interrupt is en-
abled, and the stack is not full and the RTF bit
is set, a subroutine call to location 0CH will oc-
cur. The related interrupt request flag (RTF)
will be reset and the EMI bit cleared to disable
further interrupts.
During the execution of an interrupt subrou-
tine, other interrupt acknowledgments are held
until the RETI instruction is executed or the
EMI bit and the related interrupt control bit
are set to 1 (if the stack is not full). To return
from the interrupt subroutine, RET or RETI in-
struction may be invoked. RETI will set the
EMI bit to enable an interrupt service, but RET
does not.
Interrupts occurring in the interval between
the rising edges of two consecutive T2 pulses,
will be serviced on the latter of the two T2
pulses, if the corresponding interrupts are en-
abled. In the case of simultaneous requests the
following table shows the priority that is ap-
plied. These can be masked by resetting the
EMI bit.
No. Interrupt Source Priority Vector
a External interrupt
1
04H
b Time base interrupt
2
08H
c
Real time clock
interrupt
3
0CH
d Timer/event counter
interrupt
4
10H
The external interrupt request flag (EIF), real
time clock interrupt request flag (RTF), time base
interrupt request flag (TBF), enable external in-
terrupt bit (EEI), enable real time clock interrupt
bit (ERTI), enable time base interrupt bit (ETBI),
and enable master interrupt bit (EMI) constitute
an interrupt control register 0 (INTC0) which is
located at 0BH in the data memory. The
timer/event counter interrupt request flag (TF),
enable timer/event counter interrupt bit (ETI) on
the other hand, constitute an interrupt control
register 1 (INTC1) which is located at 1EH in the
data memory. EMI, EEI, ETI, ETBI, and ERTI
are used to control the enabling/disabling of in-
terrupts. These bits prevent the requested inter-
rupt being serviced. Once the interrupt request
flags (RTF, TBF, TF, EIF) are set, they remain in
the INTC1 or INTC0 respectively until the inter-
rupts are serviced or cleared by a software in-
struction.
It is recommended that a program does not use
the ²CALL subroutine² within the interrupt
subroutine. Because interrupts often occur in
an unpredictable manner or need to be serviced
immediately in some applications, if only one
stack is left, and enabling the interrupt is not
well controlled, once the ²CALL subroutine² op-
erates in the interrupt subroutine will damage
the original control sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com