Electronic Components Datasheet Search
  English  ▼

X  

HT9580 Datasheet(PDF) 57 Page - Holtek Semiconductor Inc

Part # HT9580
Description  Character Pager Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9580 Datasheet(HTML) 57 Page - Holtek Semiconductor Inc

Back Button HT9580 Datasheet HTML 53Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 54Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 55Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 56Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 57Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 58Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 59Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 60Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 61Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 63 page
background image
Name
Opcode
Addr
Mode
Flags
No.
Bytes
No.
Cyc.
Description
NV E B D I Z C
SMB6
E7
ZPG
--------
2
4
M(6) <=1 (RMW)
SMB7
F7
ZPG
--------
2
4
M(7) <=1 (RMW)
STA
85
ZPG
--------
2
3
M<=A
STA
95
ZPX
--------
2
4
M<=A
STA
8D
ABS
--------
3
4
M<=A
STA
9D
ABX
--------
3
4
M<=A
STA
99
ABY
--------
3
4
M<=A
STA
81
INX
--------
2
6
M<=A
STA
91
INY
--------
2
5
M<=A
STX
86
ZPG
--------
2
3
M<=X
STX
96
ZPY
--------
2
4
M<=X
STX
8E
ABS
--------
3
4
M<=X
STY
84
ZPG
--------
2
3
M<=Y
STY
94
ZPX
--------
2
4
M<=Y
STY
8C
ABS
--------
3
4
M<=Y
STZ
64
ZPG
--------
2
3
M<=0
STZ
74
ZPX
--------
2
4
M<=0
STZ
9C
ABS
--------
3
4
M<=0
STZ
9E
ABX
--------
3
5
M<=0
TAX
AA
IMP
+ ----- + -
1
2
X<=A
TAY
A8
IMP
+ ----- + -
1
2
Y<=A
TRB
14
ZPG
------ + -
2
5
M<=!A&M, Z=A&M
TRB
1C
ABS
------ + -
3
6
M<=!A&M, Z=A&M
TSB
04
ZPG
------ + -
2
6
M<=A|M, Z=A&M
TSB
0C
ABS
------ + -
3
7
M<=A|M, Z=A&M
TSX
BA
IMP
+ ----- + -
1
2
X<=S
TXA
8A
IMP
+ ----- + -
1
2
A<=X
TXS
9A
IMP
--------
1
2
S<=X
TYA
98
IMP
+ ----- + -
1
2
A<=Y
HT9580
57
April 28, 2000
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com