Electronic Components Datasheet Search
  English  ▼

X  

HT9580 Datasheet(PDF) 51 Page - Holtek Semiconductor Inc

Part # HT9580
Description  Character Pager Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9580 Datasheet(HTML) 51 Page - Holtek Semiconductor Inc

Back Button HT9580 Datasheet HTML 47Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 48Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 49Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 50Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 51Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 52Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 53Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 54Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 55Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 63 page
background image
Detailed Instruction Operation
The table below provides a brief description of each opcode.
The first column lists the name or the assembler mnemonic for the instruction.
The second column lists the opcode in hexadecimal.
The third column lists the address mode for the instruction.
The flags column indicates which of the 8-bit of flags are updated by the instruction.
Legend:
-® No change
+
® Updated
6
® From memory bit 6
7
® From memory bit 7
The number of bytes column gives the number of bytes for the opcode.
The number of cycles column gives the number of clock cycles for the opcode. (A+b indicates one addi-
tional cycle when a branch is taken within the same page, or 2 cycles if the branch is to a different
page.)
The last column are the description or brief descriptions of the opcode.
The operator notation is as follows:
=>
assignment
+
2¢s complement add
-
2¢s complement subtract
|
Bitwise OR
&
Bitwise AND
^
Bitwise exclusive OR
!
Bitwise invert (one¢s complement)
<<
Left rotate
>>
Right rotate
<
Left shift
>
Right shift
A
Accumulator
C
Carry flag
X
X index register
Y
Y index register
S
Stack pointer
M
Memory
HT9580
51
April 28, 2000
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com