Electronic Components Datasheet Search
  English  ▼

X  

HT9580 Datasheet(PDF) 36 Page - Holtek Semiconductor Inc

Part # HT9580
Description  Character Pager Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9580 Datasheet(HTML) 36 Page - Holtek Semiconductor Inc

Back Button HT9580 Datasheet HTML 32Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 33Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 34Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 35Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 36Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 37Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 38Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 39Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 40Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 63 page
background image
HT9580
36
April 28, 2000
Preliminary
The decoder control address (0019H) contains a
battery low flag (BL), an out of range flag (OR),
decoder standby flag (STB), a decoder software
reset (RES), and a decoder on/off control bit
(ON). The data ready and battery fail flag are in
the interrupt flag register (0006H). It not only
records the status information but controls the
operation of the decoder.
If the flag status of the battery fail (BF_FG)
changes from ²0² to ²1², the following condi-
tions occur.
¨
The pager controller generates an interrupt
if the value of the data ready interrupt is ²0².
¨
The pager controller does not generate any
interrupt and no data is transmitted to it if
the value of the data ready interrupt is ²1².
On the other hand, if the status of the battery
fail flag (BF_FG) changes from ²1² to ²0², the
internal node PA.7 of the pager controller will
supply a wake-up function. After the decoder
asserts the data ready request, the data ready
interrupt is generated and the DR_FG bit (bit
5 of 0006H) is set high; then the data ready in-
terrupt subroutine runs to process the call
data on the message buffer and resets the
DR_FG bit low.
The functional bits (ON, RES) and indication
bits ( STB, OR,BL, BF_FG and DR_FG) are
all used to control the status of the decoder
which is operated through the pager control
address as described in the following table.
INT flag register (0006H)
Symbol
Bit
R/W
Description
BF_FG
4
R
Battery fail indication bit
Once the decoder detects that the battery fail condition occurred,
the BF_FG will go high.
DR_FG
5
R/W
Data ready interrupt indication bit
When a valid call is detected, data transfers to the message
buffer. The DR_FG bit goes high when the message is terminated
within 46 bytes, one batch is at the end during the message receiv-
ing or the data buffer is full if the data length is more than 46
bytes. The mC software should read the data on the message
buffer within one POCSAG message codeword (32-bit) time. The
mC software has to clear the DR_FG bit low.
Decoder control register (0019H)
Symbol
Bit
R/W
Description
ON
0
R/W
On/Off control bit
This bit selects the ON or STANDBY state of the decoder
0: ON state
1: STANDBY RES
If SPI circuit is enabled, it would be better if this bit is set high to
reduce power consumption.
RES
1
R/W
Resets the decoder core output
The mC has to set the RES bit low and then high after the pager
controller is turned on.
The reset status must be released before writing data to the de-
coder configuration RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com