Electronic Components Datasheet Search
  English  ▼

X  

HT9580 Datasheet(PDF) 59 Page - Holtek Semiconductor Inc

Part # HT9580
Description  Character Pager Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9580 Datasheet(HTML) 59 Page - Holtek Semiconductor Inc

Back Button HT9580 Datasheet HTML 55Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 56Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 57Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 58Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 59Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 60Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 61Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 62Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 63Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 59 / 63 page
background image
Application Note
The LCD_CTRL and LCD_CMD registers are used to control the LCD Drivers. The following exam-
ple shows how to initiate the ²MC141803² LCD driver.
The following bit settings are used for the LCD_CTRL register.
; ************
; * LCD CONTROL *
; ************
chip1
SET 7
; select HD66410 series LCD driver 1:HD; chip0 don¢t care
chip0
SET 6
; select SED15X (KSX)/MC141X series LCD driver 0:SED, 1:MC
clk
SET 5
; LCD clock output selection
; Just for MC141X series
cmod
SET 4
; enable/disable LCD_CL
cs1
SET 3
; control master LCD driver chip select
cs0
SET 2
; control slave LCD driver chip select
a0
SET 1
; Data/Command select 1:display data on D0~D7
;Data/Command select 0:display control data on D0~D7
rw
SET 0
; LCD Read/Write input 0:WRITE 1:READ
LCDCT EQU 17h
; LCD Control register
LCDCM EQU 18h
; LCD Command register
The following three macros define three different modes including ²LCD COMMAND WRITE²,
²LCD DATA WRITE² and ²LCD DATA READ² modes.
; ***************************
; LCDM COMMAND MODE
; LCD_A0=0 command mode
; LCD_WRB=0 write mode
; COMMAND store to ACC
; ***************************
LCD_C
MACRO
RMB
a0, LCDCT
RMB
rw, LCDCT
STA
LCDCM
SMB
rw, LCDCT
ENDM
HT9580
59
April 28, 2000
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com