Electronic Components Datasheet Search
  English  ▼

X  

HT9580 Datasheet(PDF) 26 Page - Holtek Semiconductor Inc

Part # HT9580
Description  Character Pager Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9580 Datasheet(HTML) 26 Page - Holtek Semiconductor Inc

Back Button HT9580 Datasheet HTML 22Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 23Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 24Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 25Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 26Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 27Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 28Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 29Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 30Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 63 page
background image
HT9580
26
April 28, 2000
Preliminary
BAT
D/ A _ P D
V DD
VS S
V DD ( D / A )
DA 7
BAT
R SSI
DA 6
2R
2R
DA 5
2R
DA 4
2R
DA 3
2R
R
R
R
R
DA 2
2R
DA 1
2R
DA 0
2R
R
R
R
2R
R SSI
DA _ O UT
T he c o nf i g ur at i on of t he 8- bi t D / A c onv e r t er and pow e r dow n c o nt r o l
D/A registers
Address
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
State on
POR
002FH
D/A-L
DA7
DA6
DA5
DA4
DA3
DA2
DA1
DA0
0000 0000
0030H
D/A-H
XXXXX
D/A_PD
RSSI
BAT
uuuu u1uu
The system can quit the HALT mode by an ex-
ternal reset, an interrupt, an external falling
edge signal on port A or an RTC time out.
The HT9580 has one internal 8-bit D/A con-
verter which can measure the battery voltage
and the RSSI input signal from the IF of the RF
circuit. The DA0~DA7 is the digital input of the
D/A converter and the analog outputs to the pin
named DA_OUT. Bit BAT of the DA-H register
(0030H) is the output of the comparator. Its in-
put at the ²-² terminal is from the D/A output
and the ²+² terminal comes from the input pin
BAF. The bit RSSI of DA-H register (0030H) is
the output of another comparator. Its input at
²-² terminal is from the D/A output and ²+² ter-
minal comes from the input pin RSSI. The soft-
ware can detect the battery voltage and the
RSSI signal by writing to the bits DA0 ~DA7
(002FH) and reading the bits BAT, RSSI (0030H).
Bit ²D/A_PD² is used for the D/A power down
control. If this bit is logic high, the D/A will be in
the power down mode. Otherwise, the D/A is in
the normal condition. For details see the follow-
ing figure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com