Electronic Components Datasheet Search
  English  ▼

X  

HT9580 Datasheet(PDF) 54 Page - Holtek Semiconductor Inc

Part # HT9580
Description  Character Pager Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9580 Datasheet(HTML) 54 Page - Holtek Semiconductor Inc

Back Button HT9580 Datasheet HTML 50Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 51Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 52Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 53Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 54Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 55Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 56Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 57Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 58Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 63 page
background image
Name
Opcode
Addr
Mode
Flags
No.
Bytes
No.
Cyc.
Description
NV E B D I Z C
CPY
CC
ABS
+ ----- + +
3
4
Y-M=>N, Z, C
DEC
C6
ZPG
+ ----- + -
2
5
M<=M -1
DEC
D6
ZPX
+ ----- + -
2
6
M<=M -1
DEC
CE
ABS
+ ----- + -
3
6
M<=M -1
DEC
DE
ABX
+ ----- + -
3
7
M<=M -1
DEC
3A
ACC
+ ----- + -
1
2
A<=A -1
DEX
CA
IMP
+ ----- + -
1
2
X<=X -1
DEY
88
IMP
+ ----- + -
1
2
Y<=Y -1
EOR
49
IMM
+ ----- + -
2
2
A<=A^M
EOR
45
ZPG
+ ----- + -
2
3
A<=A^M
EOR
55
ZPX
+ ----- + -
2
4
A<=A^M
EOR
4D
ABS
+ ----- + -
3
4
A<=A^M
EOR
5D
ABX
+ ----- + -
3
4
A<=A^M
EOR
59
ABY
+ ----- + -
3
4
A<=A^M
EOR
52
IND
+ ----- + -
2
5
A<=A^M
EOR
41
INX
+ ----- + -
2
6
A<=A^M
EOR
51
INY
+ ----- + -
2
5
A<=A^M
INC
E6
ZPG
+ ----- + -
2
5
M<=M+1
INC
F6
ZPX
+ ----- + -
2
6
M<=M+1
INC
EE
ABS
+ ----- + -
3
6
M<=M+1
INC
FE
ABX
+ ----- + -
3
7
M<=M+1
INC
1A
ACC
+ ----- + -
1
2
A<=A+1
INX
E8
IMP
+ ----- + -
1
2
X<=X+1
INY
C8
IMP
+ ----- + -
1
2
Y<=Y+1
JMP
4C
ABS
--------
3
3
PC<M
JMP
6C
ABI
--------
3
5
PC<=(M)
JMP
7C
AIX
--------
3
5
PC<=(M)
JSR
20
ABS
--------
3
6
Push PC, PC<=M
LDA
A9
IMM
+ ----- + -
2
2
A<=M
LDA
A5
ZPG
+ ----- + -
2
3
A<=M
LDA
B5
ZPX
+ ----- + -
2
4
A<=M
LDA
AD
ABS
+ ----- + -
3
4
A<=M
LDA
BD
ABX
+ ----- + -
3
4
A<=M
LDA
B9
ABY
+ ----- + -
3
4
A<=M
LDA
B2
IND
+ ----- + -
2
5
A<=M
LDA
A1
INX
+ ----- + -
2
6
A<=M
HT9580
54
April 28, 2000
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com