Electronic Components Datasheet Search
  English  ▼

X  

HT9580 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT9580
Description  Character Pager Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9580 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT9580 Datasheet HTML 11Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 12Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 13Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 14Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 15Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 16Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 17Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 18Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 63 page
background image
HT9580
15
April 28, 2000
Preliminary
IR Q
TM 0 I M S K
TM 1I M S K
TM 0 O V F G
TM 1O V FG
ti m e r 0
ov er f l ow
S
ti m e r 1
ov er f l ow
S
ti m e r 0
ov er f l ow
S
ti m e r 1
ov er f l ow
S
ti m e r 0
ov er f l ow
S
ti m e r 0
ov er f l ow
S
ti m e
M a s k ed by
TM 1O V FG
M a s k ed by
TM 0 I M S K
M a s k ed by
TM 0 O V F G
C l e a r e d b y so f t w a r e
C l e a r e d b y so f t w a r e
C l e a r e d b y so f t w a r e
C l e a r e d b y so f t w a r e
C l e a r e d b y so f t w a r e
Timer0 and Timer1 timing diagram
Reset conditions
The HT9580 will reset the whole chip when the
following conditions are met:
· Power On
· The external RESET pin is held low for at
least 1 ms
· The WDT overflows
The input is used to reset the mC. Reset must be
held low at least 1 ms after VDD reaches oper-
ating voltage from a power down. A positive
transition on the chip reset will then cause an
initialization sequence to begin. After the sys-
tem is operating, a low on this line of at least 1
ms in duration will cause mC activity. When a
positive edge is detected, there is an initializa-
tion sequence lasting 8-clock cycles. Then the
interrupt mask flag is set, the decimal mode is
cleared and the program counter is loaded with
the restart vector from locations FFFC (low
byte) and FFFD (high byte). This is the start lo-
cation for program control. This input should be
high during normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com