Electronic Components Datasheet Search
  English  ▼

X  

SAM4L Datasheet(PDF) 67 Page - ATMEL Corporation

Part # SAM4L
Description  Technology for Ultra-low Power Consumption
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM4L Datasheet(HTML) 67 Page - ATMEL Corporation

Back Button SAM4L_14 Datasheet HTML 63Page - ATMEL Corporation SAM4L_14 Datasheet HTML 64Page - ATMEL Corporation SAM4L_14 Datasheet HTML 65Page - ATMEL Corporation SAM4L_14 Datasheet HTML 66Page - ATMEL Corporation SAM4L_14 Datasheet HTML 67Page - ATMEL Corporation SAM4L_14 Datasheet HTML 68Page - ATMEL Corporation SAM4L_14 Datasheet HTML 69Page - ATMEL Corporation SAM4L_14 Datasheet HTML 70Page - ATMEL Corporation SAM4L_14 Datasheet HTML 71Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 176 page
background image
67
42023GS–SAM–03/2014
ATSAM4L8/L4/L2
8.7
Enhanced Debug Port (EDP)
Rev.: 1.0.0.0
8.7.1
Features
• IEEE1149.1 compliant JTAG debug port
• Serial Wire Debug Port
• Boundary-Scan chain on all digital pins for board-level testing
• Debugger Hot-Plugging
• SMAP core reset request source
8.7.2
Overview
The enhanced debug port embeds a standard ARM debug port plus some specific hardware
intended for testability and activation of the debug port features. All the information related to the
ARM Debug Interface implementation can be found in the ARM Debug Interface v5.1 Architec-
ture Specification document.
It features:
• A single Debug Port (SWJ-DP), that provides the external physical connection to the interface
and supports two DP implementations:
– the JTAG Debug Port (JTAG-DP)
– the Serial Wire Debug Port (SW-DP)
• A supplementary JTAG TAP (BSCAN-TAP) connected in parallel with the JTAG-DP that
implements the boundary scan instructions detailed in
• A JTAG-FILTER module that monitors TCK and RESET_N pins to handle specific features
like the detection of a debugger hot-plugging and the request of reset of the Cortex-M4 at
startup.
The JTAG-FILTER module detects the presence of a debugger. When present, JTAG pins are
automatically assigned to the Enhanced Debug Port(EDP). If the SWJ-DP is switched to the SW
mode, then TDI and TDO alternate functions are released. The JTAG-FILTER also implements a
CPU halt mechanism. When triggered, the Cortex-M4 is maintained under reset after the exter-
nal reset is released to prevent any system corruption during later programmation operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com