Electronic Components Datasheet Search
  English  ▼

X  

SAM4L Datasheet(PDF) 39 Page - ATMEL Corporation

Part # SAM4L
Description  Technology for Ultra-low Power Consumption
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM4L Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button SAM4L_14 Datasheet HTML 35Page - ATMEL Corporation SAM4L_14 Datasheet HTML 36Page - ATMEL Corporation SAM4L_14 Datasheet HTML 37Page - ATMEL Corporation SAM4L_14 Datasheet HTML 38Page - ATMEL Corporation SAM4L_14 Datasheet HTML 39Page - ATMEL Corporation SAM4L_14 Datasheet HTML 40Page - ATMEL Corporation SAM4L_14 Datasheet HTML 41Page - ATMEL Corporation SAM4L_14 Datasheet HTML 42Page - ATMEL Corporation SAM4L_14 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 176 page
background image
39
42023GS–SAM–03/2014
ATSAM4L8/L4/L2
4.6
Cortex-M4 implementations options
This table provides the specific configuration options implemented in the SAM4L series
Table 4-1.
Cortex-M4 implementation options
4.7
Cortex-M4 Interrupts map
The table below shows how the interrupt request signals are connected to the NVIC.
Option
Implementation
Inclusion of MPU
yes
Inclusion of FPU
No
Number of interrupts
80
Number of priority bits
4
Inclusion of the WIC
No
Embedded Trace Macrocell
No
Sleep mode instruction
Only WFI supported
Endianness
Little Endian
Bit-banding
No
SysTick timer
Yes
Register reset values
No
Table 4-2.
Interrupt Request Signal Map (Sheet 1 of 3)
Line
Module
Signal
0
Flash Controller
HFLASHC
1
Peripheral DMA Controller
PDCA 0
2
Peripheral DMA Controller
PDCA 1
3
Peripheral DMA Controller
PDCA 2
4
Peripheral DMA Controller
PDCA 3
5
Peripheral DMA Controller
PDCA 4
6
Peripheral DMA Controller
PDCA 5
7
Peripheral DMA Controller
PDCA 6
8
Peripheral DMA Controller
PDCA 7
9
Peripheral DMA Controller
PDCA 8
10
Peripheral DMA Controller
PDCA 9
11
Peripheral DMA Controller
PDCA 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com