Electronic Components Datasheet Search
  English  ▼

X  

SAM4L Datasheet(PDF) 2 Page - ATMEL Corporation

Part # SAM4L
Description  Technology for Ultra-low Power Consumption
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM4L Datasheet(HTML) 2 Page - ATMEL Corporation

  SAM4L_14 Datasheet HTML 1Page - ATMEL Corporation SAM4L_14 Datasheet HTML 2Page - ATMEL Corporation SAM4L_14 Datasheet HTML 3Page - ATMEL Corporation SAM4L_14 Datasheet HTML 4Page - ATMEL Corporation SAM4L_14 Datasheet HTML 5Page - ATMEL Corporation SAM4L_14 Datasheet HTML 6Page - ATMEL Corporation SAM4L_14 Datasheet HTML 7Page - ATMEL Corporation SAM4L_14 Datasheet HTML 8Page - ATMEL Corporation SAM4L_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 176 page
background image
2
42023GS–SAM–03/2014
ATSAM4L8/L4/L2
– Digital Frequency Locked Loop (DFLL) with wide input range
– Up to 16 peripheral DMA (PDCA) channels
• Peripherals
– USB 2.0 Device and Embedded Host: 12 Mbps, up to 8 bidirectional Endpoints and Multi-packet Ping-pong Mode. On-
Chip Transceiver
– Liquid Crystal Display (LCD) Module with Capacity up to 40 Segments and up to 4 Common Terminals
– One USART with ISO7816, IrDA®, RS-485, SPI, Manchester and LIN Mode
– Three USART with SPI Mode
– One PicoUART for extended UART wake-up capabilities in all sleep modes
– Windowed Watchdog Timer (WDT)
– Asynchronous Timer (AST) with Real-time Clock Capability, Counter or Calendar Mode Supported
– Frequency Meter (FREQM) for Accurate Measuring of Clock Frequency
– Six 16-bit Timer/Counter (TC) Channels with capture, waveform, compare and PWM mode
– One Master/Slave Serial Peripheral Interface (SPI) with Chip Select Signals
– Four Master and Two Slave Two-wire Interfaces (TWI), up to 3.4Mbit/s I2C-compatible
– One Advanced Encryption System (AES) with 128-bit key length
– One 16-channel ADC 300Ksps (ADC) with up to 12 Bits Resolution
– One DAC 500Ksps (DACC) with up to 10 Bits Resolution
– Four Analog Comparators (ACIFC) with Optional Window Detection
– Capacitive Touch Module (CATB) supporting up to 32 buttons
– Audio Bitstream DAC (ABDACB) Suitable for Stereo Audio
– Inter-IC Sound (IISC) Controller, Compliant with Inter-IC Sound (I2S) Specification
– Peripheral Event System for Direct Peripheral to Peripheral Communication
– 32-bit Cyclic Redundancy Check Calculation Unit (CRCCU)
– Random generator (TRNG)
– Parallel Capture Module (PARC)
– Glue Logic Controller (GLOC)
• I/O
– Up to 75 I/O lines with external interrupt capability (edge or level sensitivity), debouncing, glitch filtering and slew-rate
control
– Up to Six High-drive I/O Pins
• Single 1.68-3.6V Power Supply
• Packages
– 100-lead LQFP, 14 x 14 mm, pitch 0.5 mm/100-ball VFBGA, 7x7 mm, pitch 0.65 mm
– 64-lead LQFP, 10 x 10 mm, pitch 0.5 mm/64-pad QFN 9x9 mm, pitch 0.5 mm
– 64-ball WLCSP, 4,314x4,434 mm, pitch 0.5 mm for SAM4LC4/2 and SAM4LS4/2 series
– 64-ball WLCSP, 5,270x5,194 mm, pitch 0.5 mm for SAM4LC8 and SAM4LS8 series
– 48-lead LQFP, 7 x 7 mm, pitch 0.5 mm/48-pad QFN 7x7 mm, pitch 0.5 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com