Electronic Components Datasheet Search
  English  ▼

X  

SAM4L Datasheet(PDF) 44 Page - ATMEL Corporation

Part # SAM4L
Description  Technology for Ultra-low Power Consumption
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM4L Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button SAM4L_14 Datasheet HTML 40Page - ATMEL Corporation SAM4L_14 Datasheet HTML 41Page - ATMEL Corporation SAM4L_14 Datasheet HTML 42Page - ATMEL Corporation SAM4L_14 Datasheet HTML 43Page - ATMEL Corporation SAM4L_14 Datasheet HTML 44Page - ATMEL Corporation SAM4L_14 Datasheet HTML 45Page - ATMEL Corporation SAM4L_14 Datasheet HTML 46Page - ATMEL Corporation SAM4L_14 Datasheet HTML 47Page - ATMEL Corporation SAM4L_14 Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 176 page
background image
44
42023GS–SAM–03/2014
ATSAM4L8/L4/L2
5.2
Embedded Memories
• Internal high-speed flash
– 512Kbytes (ATSAM4Lx8)
– 256Kbytes (ATSAM4Lx4)
– 128Kbytes (ATSAM4Lx2)
• Pipelined flash architecture, allowing burst reads from sequential flash locations, hiding
penalty of 1 wait state access
• Pipelined flash architecture typically reduces the cycle penalty of 1 wait state operation
compared to 0 wait state operation
• 100 000 write cycles, 15-year data retention capability
• Sector lock capabilities, bootloader protection, security bit
• 32 fuses, erased during chip erase
• User page for data to be preserved during chip erase
• Internal high-speed SRAM, single-cycle access at full speed
– 64Kbytes (ATSAM4Lx8)
– 32Kbytes (ATSAM4Lx4, ATSAM4Lx2)
5.3
Physical Memory Map
The system bus is implemented as a bus matrix. All system bus addresses are fixed, and they
are never remapped in any way, not even during boot. The 32-bit physical address space is
mapped as follows:
Table 5-1.
ATSAM4L8/L4/L2 Physical Memory Map
Memory
Start Address
Size
Size
ATSAM4Lx4
ATSAM4Lx2
Embedded Flash
0x00000000
256Kbytes
128Kbytes
Embedded SRAM
0x20000000
32Kbytes
32Kbytes
Cache SRAM
0x21000000
4Kbytes
4Kbytes
Peripheral Bridge A
0x40000000
64Kbytes
64Kbytes
Peripheral Bridge B
0x400A0000
64Kbytes
64Kbytes
AESA
0x400B0000
256 bytes
256 bytes
Peripheral Bridge C
0x400E0000
64Kbytes
64Kbytes
Peripheral Bridge D
0x400F0000
64Kbytes
64Kbytes
Memory
Start Address
Size
ATSAM4Lx8
Embedded Flash
0x00000000
512Kbytes
Embedded SRAM
0x20000000
64Kbytes
Cache SRAM
0x21000000
4Kbytes
Peripheral Bridge A
0x40000000
64Kbytes
Peripheral Bridge B
0x400A0000
64Kbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com