Electronic Components Datasheet Search
  English  ▼

X  

SAM4L Datasheet(PDF) 1 Page - ATMEL Corporation

Part # SAM4L
Description  Technology for Ultra-low Power Consumption
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM4L Datasheet(HTML) 1 Page - ATMEL Corporation

  SAM4L_14 Datasheet HTML 1Page - ATMEL Corporation SAM4L_14 Datasheet HTML 2Page - ATMEL Corporation SAM4L_14 Datasheet HTML 3Page - ATMEL Corporation SAM4L_14 Datasheet HTML 4Page - ATMEL Corporation SAM4L_14 Datasheet HTML 5Page - ATMEL Corporation SAM4L_14 Datasheet HTML 6Page - ATMEL Corporation SAM4L_14 Datasheet HTML 7Page - ATMEL Corporation SAM4L_14 Datasheet HTML 8Page - ATMEL Corporation SAM4L_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 176 page
background image
Summary
Atmel's SAM4L series is a member of a family of Flash microcontrollers based
on the high performance 32-bit ARM Cortex-M4 RISC processor running at fre-
quencies up to 48MHz.
The SAM4L series embeds state-of-the-art picoPower technology for ultra-low
power consumption. Combined power control techniques are used to bring
active current consumption down to 90µA/MHz. The device allows a wide range
of options between functionality and power consumption, giving the user the
ability to reach the lowest possible power consumption with the feature set
required for the application. The WAIT and RETENTION modes provide full logic
and RAM retention, associated with fast wake-up capability (<1.5µs) and a very
low consumption of, respectively, 3 µA and 1.5 µA. In addition, WAIT mode sup-
ports SleepWalking features. In BACKUP mode, CPU, peripherals and RAM are
powered off and, while consuming less than 0.9µA with external interrupt wake-
up supported.
The SAM4L series offers a wide range of peripherals such as segment LCD con-
troller, embedded hardware capacitive touch (QTouch), USB device & embedded
host, 128-bit AES and audio interfaces in addition to high speed serial peripher-
als such as USART, SPI and I2C. Additionally the Peripheral Event System and
SleepWalking allows the peripherals to communicate directly with each other
and make intelligent decisions and decide to wake-up the system on a qualified
events on a peripheral level; such as I2C address match or and ADC threshold.
Features
• Core
– ARM® CortexTM-M4 running at up to 48MHz
– Memory Protection Unit (MPU)
–Thumb®-2 instruction set
• picoPower® Technology for Ultra-low Power Consumption
– Active mode downto 90µA/MHz with configurable voltage scaling
– High performance and efficiency: 28 coremark/mA
– Wait mode downto 3µA with fast wake-up time (<1.5µs) supporting SleepWalking
– Full RAM and Logic Retention mode downto 1.5µA with fast wake-up time (<1.5µs)
– Ultra low power Backup mode with/without RTC downto 1,5/0.9µA
• Memories
– From 128 to 512Kbytes embedded Flash, 64-bit wide access,
• 0 wait-state capability up to 24MHz
– up to 64Kbytes embedded SRAM
• System Functions
– Embedded voltage linear and switching regulator for single supply operation
– Two Power-on-Reset and Two Brown-out Detectors (BOD)
– Quartz or ceramic resonator oscillators: 0.6 to 30MHz main power with Failure
Detection and low power 32.768 kHz for RTC or device clock
– High precision 4/8/12MHz factory trimmed internal RC oscillator
– Slow Clock Internal RC oscillator as permanent low-power mode device clock
– High speed 80MHz internal RC oscillator
– Low power 32kHz internal RC oscillator
– PLL up to 240MHz for device clock and for USB
42023GS–03/2014
ATSAM---e
ARM-based
Flash MCU
SAM4L Series
Summary


Similar Part No. - SAM4L_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM4L8 ATMEL-SAM4L8 Datasheet
93Kb / 19P
AVR UC3 A0/A1 (revision H and later)
More results

Similar Description - SAM4L_14

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N20M-BM ETC2-N20M-BM Datasheet
305Kb / 1P
Ultra low power consumption
logo
Laird Tech Smart Techno...
LT1110 LSTD-LT1110 Datasheet
922Kb / 2P
Ultra-low power consumption
logo
Taoglas antenna solutio...
AP.10E.07.0039B TAOGLAS-AP.10E.07.0039B Datasheet
401Kb / 13P
Ultra low power consumption
AP.10G.01 TAOGLAS-AP.10G.01 Datasheet
724Kb / 12P
Ultra low power consumption
logo
Renesas Technology Corp
RL78-I1D RENESAS-RL78-I1D Datasheet
977Kb / 102P
Ultra-low power consumption technology
RAJ240090 RENESAS-RAJ240090 Datasheet
1Mb / 69P
Ultra-low power consumption technology
RL78-G1F RENESAS-RL78-G1F Datasheet
1Mb / 143P
Ultra-low power consumption technology
RL78-G1G RENESAS-RL78-G1G Datasheet
837Kb / 70P
Ultra-low power consumption technology
RL78-I1E RENESAS-RL78-I1E Datasheet
1Mb / 111P
Ultra-low power consumption technology
RL78-L13 RENESAS-RL78-L13 Datasheet
1Mb / 126P
Ultra-low power consumption technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com