Electronic Components Datasheet Search
  English  ▼

X  

SAM4L Datasheet(PDF) 49 Page - ATMEL Corporation

Part # SAM4L
Description  Technology for Ultra-low Power Consumption
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM4L Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button SAM4L_14 Datasheet HTML 45Page - ATMEL Corporation SAM4L_14 Datasheet HTML 46Page - ATMEL Corporation SAM4L_14 Datasheet HTML 47Page - ATMEL Corporation SAM4L_14 Datasheet HTML 48Page - ATMEL Corporation SAM4L_14 Datasheet HTML 49Page - ATMEL Corporation SAM4L_14 Datasheet HTML 50Page - ATMEL Corporation SAM4L_14 Datasheet HTML 51Page - ATMEL Corporation SAM4L_14 Datasheet HTML 52Page - ATMEL Corporation SAM4L_14 Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 176 page
background image
49
42023GS–SAM–03/2014
ATSAM4L8/L4/L2
6.2.2
Typical Powering Schematics
The ATSAM4L8/L4/L2 supports the Single supply mode from 1.68V to 3.6V. Depending on the
input voltage range and on the final application frequency, it is recommended to use the follow-
ing table in order to choose the most efficient power strategy
Figure 6-3.
Efficient power strategy:
N/A
Possible but
not efficient
1.68V
1.80V
2.00V
2.30V
3.60V
Optimal power efficiency
Linear Mode
(BUCK/LDOn
(PA02) =0)
Optimal power efficiency
Possible but not efficient
Switching Mode
(BUCK/LDOn
(PA02) =1)
FCPUMAX
12MHz
PowerScaling
PS1(1)
Up to 36MHz In PS0
Up to 12MHz in PS1
Up to 48MHz in PS2
ALL
VDDIN Voltage
Typical power
consumption in
RUN mode
100µA/MHz @ FCPU=12MHz(PS1) @ VVDDIN=3.3V
180µA/MHz @ FCPU=48MHz(PS2) @ VVDDIN=3.3V
212µA/MHz @ FCPU=12MHz(PS1)
306µA/MHz @ FCPU= 48MHz(PS2)
Typical power
consumption in
RET mode
1.5µA
Note 1. The SAM4L boots in PS0 on RCSYS(115kHz), then the application must switch to
PS1 before running on higher frequency (<12MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com