Electronic Components Datasheet Search
  English  ▼

X  

HB7121 Datasheet(PDF) 1 Page - Hynix Semiconductor

Part # HB7121
Description  CMOS IMAGE SENSOR With 8-bit ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HB7121 Datasheet(HTML) 1 Page - Hynix Semiconductor

  HB7121 Datasheet HTML 1Page - Hynix Semiconductor HB7121 Datasheet HTML 2Page - Hynix Semiconductor HB7121 Datasheet HTML 3Page - Hynix Semiconductor HB7121 Datasheet HTML 4Page - Hynix Semiconductor HB7121 Datasheet HTML 5Page - Hynix Semiconductor HB7121 Datasheet HTML 6Page - Hynix Semiconductor HB7121 Datasheet HTML 7Page - Hynix Semiconductor HB7121 Datasheet HTML 8Page - Hynix Semiconductor HB7121 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
HB7121B
Semiconductor Inc.
CMOS IMAGE SENSOR
System IC SBU
With 8-bit ADC
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsibility for use of circuits described. NO patent licenses are implied.
DA21000601R_1.1
- 1 -
2001 Hynix System IC SBU
DESCRIPTION
HB7121B is a highly integrated single chip CMOS B/W image sensor using Hynix 0.5um CMOS process
developed for image application to realize high efficiency photo sensor. The sensor has 414X314 pixels total,
and 400X300 pixels effective. Each pixel is high photo sensitive, small size active pixel element that converts
photons to analog voltage signal. The sensor has three on-chip 8 bit Digital to Analog Convert (DAC) and 414
comparators to digitize the pixel output. The three on-chip 8 bit DAC can be used for independent
gain
control. Hynix proprietary on-chip Correlated Double Sampling (CDS) circuit can reduce Fixed Pattern Noise
(FPN) dramatically. The whole 8 bit digital B/W raw data is directly available on the package pins and just a
few control signals are needed for whole chip control, so it is very ease to configure a system using the
sensor.
FEATURES
l 400 x 300 pixels resolution
l Full function control through standard I
2C bus
l 8um x 8um square pixel(with Microlens)
l Built-in Automatic Gain Control (AGC)
l High efficiency photo sensors
l 48 pin CLCC
l Integrated 8-bit ADC for direct digital output
l Anti-blooming circuit
l Low power 3.3V operation (5V tolerant I/O)
l Flexible exposure time control
l Integrated pan control and window sizing
l Integrated on-chip timing and drive control
l Clock speed up to 15MHz
l 1/4" optical format
l Programmable frame rate and synchronous format
TECHNICAL SPECIFICATION
FUNCTIONAL BLOCK DIAGRAM
Pixel resolution
402x302
Pixel size
8x8um2
Fill factor(without Microlens)
30%
Format
CIF
Sensitivity
8.0V/luxžsec
Supply voltage for analog
3.3V
Supply voltage for digital
3.3V
Supply voltage for 5V tolerant input
5.0V
Power Consumption
TBD@15MHz
Operating temperature
0~40 Centigrade
Technology
0.5um 3metal CMOS
Pixel Array
ADC Block
Line Buffer
I
2C


Similar Part No. - HB7121

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HB7121BELECTRONICS HYNIX-HB7121BELECTRONICS Datasheet
786Kb / 29P
CMOS IMAGE SENSOR With 8-bit ADC
More results

Similar Description - HB7121

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HB7121BELECTRONICS HYNIX-HB7121BELECTRONICS Datasheet
786Kb / 29P
CMOS IMAGE SENSOR With 8-bit ADC
HB7131D HYNIX-HB7131D Datasheet
299Kb / 26P
CMOS IMAGE SENSOR With 8-bit ADC
HV7121B-COB HYNIX-HV7121B-COB Datasheet
397Kb / 30P
CMOS IMAGE SENSOR With 8-bit ADC
HV7121B-COF HYNIX-HV7121B-COF Datasheet
383Kb / 30P
CMOS IMAGE SENSOR With 8-bit ADC
HV7121B HYNIX-HV7121B Datasheet
446Kb / 30P
CMOS IMAGE SENSOR With 8-bit ADC
HV7131D HYNIX-HV7131D Datasheet
305Kb / 26P
CMOS IMAGE SENSOR With 8-bit ADC
HV7131E1 HYNIX-HV7131E1 Datasheet
462Kb / 40P
CMOS IMAGE SENSOR With 8-bit ADC
HV7141D HYNIX-HV7141D Datasheet
403Kb / 23P
CMOS IMAGE SENSOR With 8-bit ADC
HV7131D-COB HYNIX-HV7131D-COB Datasheet
323Kb / 27P
CMOS IMAGE SENSOR With 8-bit ADC
logo
List of Unclassifed Man...
HV7131B ETC-HV7131B Datasheet
834Kb / 29P
CMOS IMAGE SENSOR With 8-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com