Electronic Components Datasheet Search
  English  ▼

X  

HB7121 Datasheet(PDF) 20 Page - Hynix Semiconductor

Part # HB7121
Description  CMOS IMAGE SENSOR With 8-bit ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HB7121 Datasheet(HTML) 20 Page - Hynix Semiconductor

Back Button HB7121 Datasheet HTML 16Page - Hynix Semiconductor HB7121 Datasheet HTML 17Page - Hynix Semiconductor HB7121 Datasheet HTML 18Page - Hynix Semiconductor HB7121 Datasheet HTML 19Page - Hynix Semiconductor HB7121 Datasheet HTML 20Page - Hynix Semiconductor HB7121 Datasheet HTML 21Page - Hynix Semiconductor HB7121 Datasheet HTML 22Page - Hynix Semiconductor HB7121 Datasheet HTML 23Page - Hynix Semiconductor HB7121 Datasheet HTML 24Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
HB7121B
Semiconductor Inc.
CMOS IMAGE SENSOR
System IC SBU
With 8-bit ADC
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume
any responsibility for use of circuits described. NO patent licenses are implied.
DA21000601R_1.0
- 20 -
2001 Hnix System IC SBU
FRAME TIMING DIAGRAMS
There are two frame timing cases,
l
Integration Time < EffectiveWindowHeight * Scale
l
Integration Time > EffectiveWindowHeight * Scale
EffectiveWindowHeight is equal to the number of data lines generated in a frame and is defined to be
selected by
if((RowStartAddress + WindowHeight + 1) <= (SensorArrayHeight)
EffectiveWindowHeight = WindowHeight;
else
EffectiveWidnowHeight = (SensorArrayHeight - RowStartAddress - 1);
For example, RowStartAddress = 200 and WindowHeight = 300, EffectiveWindowHeight is 113 and 113
data lines per a frame are generated.
Note : The above selection logic is somewhat confusing in respect of general counting measure. It’s partly
due to the mixed use of indexing start points, i.e. ‘0’ and ‘1’ in the design. Therefore in order to avoid the
confusion it is desirable to just follows the equation when you estimate the frame rate.
Scale is selected according to Integration Time Mode by
If(PixelMode)
Scale = SensorArrayWidth; // For400*300 resolution chip, SensorArrayWidth is 414
else
Scale = 1;
SensorArrayHeight
[314]
SensorArrayWidth
[414]
RowStartAddress
[200]
WindowHeight
[300]
EffectiveWindowHeight
[113]
(0,0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com