Electronic Components Datasheet Search
  English  ▼

X  

HB7121 Datasheet(PDF) 18 Page - Hynix Semiconductor

Part # HB7121
Description  CMOS IMAGE SENSOR With 8-bit ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HB7121 Datasheet(HTML) 18 Page - Hynix Semiconductor

Back Button HB7121 Datasheet HTML 14Page - Hynix Semiconductor HB7121 Datasheet HTML 15Page - Hynix Semiconductor HB7121 Datasheet HTML 16Page - Hynix Semiconductor HB7121 Datasheet HTML 17Page - Hynix Semiconductor HB7121 Datasheet HTML 18Page - Hynix Semiconductor HB7121 Datasheet HTML 19Page - Hynix Semiconductor HB7121 Datasheet HTML 20Page - Hynix Semiconductor HB7121 Datasheet HTML 21Page - Hynix Semiconductor HB7121 Datasheet HTML 22Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
HB7121B
Semiconductor Inc.
CMOS IMAGE SENSOR
System IC SBU
With 8-bit ADC
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume
any responsibility for use of circuits described. NO patent licenses are implied.
DA21000601R_1.0
- 18 -
2001 Hnix System IC SBU
(11) Operating Clock Divider (Address 28h, default:00h, R/W)
This register generates divided digital clock depending on the settings clk_div [3:0], digital block can
divide MCLK down by 1 through 2048 as shown in Table 1.
clk_div[3:0]
units
clk_div[3:0]
units
0000
no division
0101
MCLK/64
0001
MCLK/2
0111
MCLK/128
0010
MCLK/4
1000
MCLK/256
0011
MCLK/8
1001
MCLK/512
0100
MCLK/16
1010
MCLK/1024
0101
MCLK/32
1011
MCLK/2048
Table 1. Operating Clock Control Register
(12) Reset Level Control Register (Address 30h, default:38h, R/W)
This register controls reference voltage level for start point of data reading. If the register value is
too large or too small, the vertical Fixed Pattern Noise(FPN) can be occurred. To Get rid of FPN,
this register must have a suitable value. Optimum reset revel can be found using Low reference
number registers 57h ~ 58h and High reference number registers 59h ~ 5ah. If there is some large
value in Low reference number registers, the value of Reset Level control register should be
increased. If there is some large value in High reference number registers, the value of register
should be decrease. Optimum reset revel is achieved when value of Low reference level number
registers and value of High reference number registers is minimized.
(13) Color Gain Register
Red Color Gain Register
: (Address 31h, default:1Eh, R/W)
Green Color Gain Register : (Address 32h, default:h1Eh, R/W)
Blue Color Gain Register : (Address 33h, default:h1Eh, R/W)
These registers are used to amplify the analog pixel output. If the gain register value is decreased,
the amplification is increased. Therefore under the dark light source condition, the pixel output have
to be amplified by decreasing gain value to get good image. There are three Gain registers to control
RGB colors independently. In the case of monochrome image sensor, use only Green Color Gain
Register. Available program range is 0 ~ 63 but too small value can cause FPN. The register value
have to chosen within the range that doesn’t cause FPN. Recommended range is 20 ~63. These
register can be used for Auto White Balance control and Auto Exposure control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com