Electronic Components Datasheet Search
  English  ▼

X  

HB7121 Datasheet(PDF) 19 Page - Hynix Semiconductor

Part # HB7121
Description  CMOS IMAGE SENSOR With 8-bit ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HB7121 Datasheet(HTML) 19 Page - Hynix Semiconductor

Back Button HB7121 Datasheet HTML 15Page - Hynix Semiconductor HB7121 Datasheet HTML 16Page - Hynix Semiconductor HB7121 Datasheet HTML 17Page - Hynix Semiconductor HB7121 Datasheet HTML 18Page - Hynix Semiconductor HB7121 Datasheet HTML 19Page - Hynix Semiconductor HB7121 Datasheet HTML 20Page - Hynix Semiconductor HB7121 Datasheet HTML 21Page - Hynix Semiconductor HB7121 Datasheet HTML 22Page - Hynix Semiconductor HB7121 Datasheet HTML 23Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
HB7121B
Semiconductor Inc.
CMOS IMAGE SENSOR
System IC SBU
With 8-bit ADC
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume
any responsibility for use of circuits described. NO patent licenses are implied.
DA21000601R_1.0
- 19 -
2001 Hnix System IC SBU
(14) Pixel Bias Voltage Register (Address 34h, default:02h, R/W)
This register controls pixel reference level by controlling bias current of pixel output sensing load
transistor. It controls pixel output level itself, compare with that revel register adjust A/D Converter
circuit to calibrate reference level for data reading. Available program range is 0 ~ 7. The larger
register value causes the higher bias current and low pixel output reference level. This register is
option for manufacturer. Users may use default setting and don’t changed value.
(15) Low Reference Number Register(low_ref_no)
High : (Address 57h default:00h, Read Only)
Low : (Address 58h, default:00h, Read Only)
Low Reference Number Registers indicates number of pixels in frame that have a value less then 5.
A reference level values of each pixel is compare with ‘5’, and accumulated to these registers
during read state. This counter value called low_ref_no, consist of two bytes and it is read only
registers. Real number of pixels that have value less than 5 is the twice of these register value. If
low_ref_no is big value, you must increase data value of Reset Level Control Register. These
registers are updated after every VSYNC signal.
(16) High Reference Number Register (high_ref_no)
High : (Address 59h, default:00h, Read Only)
Low : (Address 5Ah, default:00h, Read Only)
High Reference Number Registers indicates number of pixels in a frame that have a value great then
123. Reference level values of each pixels is compared with ‘123’, and accumulated to these
registers during read state. This counter value called high_ref_no, consist of two bytes and it is read
only registers. Real number of pixels that have value great than 123 is the twice of these register
value. If high_ref_no is big value, you must decrease data value of Reset Level Control Register.
These registers are also updated after every VSYNC signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com