Electronic Components Datasheet Search
  English  ▼

X  

HB7121 Datasheet(PDF) 6 Page - Hynix Semiconductor

Part # HB7121
Description  CMOS IMAGE SENSOR With 8-bit ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HB7121 Datasheet(HTML) 6 Page - Hynix Semiconductor

Back Button HB7121 Datasheet HTML 2Page - Hynix Semiconductor HB7121 Datasheet HTML 3Page - Hynix Semiconductor HB7121 Datasheet HTML 4Page - Hynix Semiconductor HB7121 Datasheet HTML 5Page - Hynix Semiconductor HB7121 Datasheet HTML 6Page - Hynix Semiconductor HB7121 Datasheet HTML 7Page - Hynix Semiconductor HB7121 Datasheet HTML 8Page - Hynix Semiconductor HB7121 Datasheet HTML 9Page - Hynix Semiconductor HB7121 Datasheet HTML 10Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
HB7121B
Semiconductor Inc.
CMOS IMAGE SENSOR
System IC SBU
With 8-bit ADC
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsibility for use of circuits described. NO patent licenses are implied.
DA21000601R_1.1
- 6 -
2001 Hynix System IC SBU
INPUT / OUTPUT AC CHARACTERISTICS (Continue)
I
2C Bus (Programming Serial Bus) Timing
I
2C Bus Interface Timing
Parameter
Symbol
Min.
Max.
Unit
SCK clock frequency
fsck
0
400
KHz
Time that I
2C bus must be free before a new
transmission can start
tbuf
1.2
us
Hold time for a START
thd;sta
1.0
us
LOW period of SCK
tlow
1.2
us
HIGH period of SCK
thigh
1.0
us
Setup time for START
tsu;sta
1.2
us
Data hold time
thd;dat
1.3
us
Data setup time
tsu;dat
250
ns
Rise time of both SDA and SCK
tr
250
ns
Fall time of both SDA and SCK
tf
300
ns
Setup time for STOP
tsu;sto
1.2
us
Capacitive load of each bus lines(SDA,SCK)
Cb
pf
SDA
SCK
stop
start
tbuf
tlow
tr
thd;sta
thd;dat
thigh
tsu;dat
tsu;sta
tsu;sto
stop
start
tf
thd;sta



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com