Electronic Components Datasheet Search
  English  ▼

X  

HB7121 Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HB7121
Description  CMOS IMAGE SENSOR With 8-bit ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HB7121 Datasheet(HTML) 4 Page - Hynix Semiconductor

  HB7121 Datasheet HTML 1Page - Hynix Semiconductor HB7121 Datasheet HTML 2Page - Hynix Semiconductor HB7121 Datasheet HTML 3Page - Hynix Semiconductor HB7121 Datasheet HTML 4Page - Hynix Semiconductor HB7121 Datasheet HTML 5Page - Hynix Semiconductor HB7121 Datasheet HTML 6Page - Hynix Semiconductor HB7121 Datasheet HTML 7Page - Hynix Semiconductor HB7121 Datasheet HTML 8Page - Hynix Semiconductor HB7121 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
HB7121B
Semiconductor Inc.
CMOS IMAGE SENSOR
System IC SBU
With 8-bit ADC
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsibility for use of circuits described. NO patent licenses are implied.
DA21000601R_1.1
- 4 -
2001 Hynix System IC SBU
INPUT / OUTPUT AC CHARACTERISTICS
l
All output timing delays are measured with output load 60[pF].
l
Output delay include the internal clock path delay 6[ns] and output driving delay that changes in
respect to the output load, the operating environment, and a board design.
l
Due to the variable valid time delay of the output, output signals may be latched in the negative
edge of MCLK for the stable data transfer between the image sensor and a host for less than
15MHz operation.
MCLK to HSYNC/VSYNC Timing
T1 : MCLK rising to HSYNC/VSYNC valid maximum time : 18ns [output load: 60pF]
T2 : HSYNC/VSYNC valid time : minimum 1clock(subject to T1, T2 timing rule)
MCLK to DATA Timing
T3 : MCLK rising to DATA valid maximum time : 18ns [output load: 60pF]
Note) HSYNC signal is high when valid data is on the DATA bus.
T3
DATA[7:0]
valid data
MCLK
T3
PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com