Electronic Components Datasheet Search
  English  ▼

X  

HB7121 Datasheet(PDF) 24 Page - Hynix Semiconductor

Part # HB7121
Description  CMOS IMAGE SENSOR With 8-bit ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HB7121 Datasheet(HTML) 24 Page - Hynix Semiconductor

Back Button HB7121 Datasheet HTML 20Page - Hynix Semiconductor HB7121 Datasheet HTML 21Page - Hynix Semiconductor HB7121 Datasheet HTML 22Page - Hynix Semiconductor HB7121 Datasheet HTML 23Page - Hynix Semiconductor HB7121 Datasheet HTML 24Page - Hynix Semiconductor HB7121 Datasheet HTML 25Page - Hynix Semiconductor HB7121 Datasheet HTML 26Page - Hynix Semiconductor HB7121 Datasheet HTML 27Page - Hynix Semiconductor HB7121 Datasheet HTML 28Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
HB7121B
Semiconductor Inc.
CMOS IMAGE SENSOR
System IC SBU
With 8-bit ADC
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume
any responsibility for use of circuits described. NO patent licenses are implied.
DA21000601R_1.0
- 24 -
2001 Hnix System IC SBU
MCLK
HSYNC
VSYNC
DATA
Time
Slot
Integration Time < EffectiveWindowHeight * Scale
Fig.4 Frame Transition Timing
(
2) Frame Timing Diagram for Integration Time > (EffectiveWindowHeight * Scale)
Frame timing related registers are programmed to suit for the above condition as follows
RowStartAddress
= 6;
WindowHeight = 302;
ColumnStartAddress = 6;
WindowWidth = 402;
IntegrationTime = 600 [Line Mode];
EffectiveWindowHeight is “302” for (SensorArrayHeight > (RowStartAddress + WindowHeight + 1)),
i.e. 314 > (6 + 302 + 1), is met, and Scale is “1” for integration time is line mode. Therefore,
(Integration Time < EffectiveWindowHeight * Scale), i.e. 600 > 302 * 1, is met, and Idle Slot of Line
Mode, i.e. (600 - 302) * 1024 clocks idle slot, is inserted before the next frame initiation.
B
B
. . . . . . .
G
R
Line Tail
Blank
12 clocks
IMAGE RAW DATA
Window Width
804 clocks
Line Head
Blank
12 clocks
G
. . . . .
IMAGE RAW DATA
Window Width
804 clocks
VSYNC
3 clocks
≈
≈
HBLANK
3 clocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com