Electronic Components Datasheet Search
  English  ▼

X  

ICS9161A Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # ICS9161A
Description  Dual Programmable Graphics Frequency Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9161A Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS9161A Datasheet HTML 7Page - Integrated Circuit Systems ICS9161A Datasheet HTML 8Page - Integrated Circuit Systems ICS9161A Datasheet HTML 9Page - Integrated Circuit Systems ICS9161A Datasheet HTML 10Page - Integrated Circuit Systems ICS9161A Datasheet HTML 11Page - Integrated Circuit Systems ICS9161A Datasheet HTML 12Page - Integrated Circuit Systems ICS9161A Datasheet HTML 13Page - Integrated Circuit Systems ICS9161A Datasheet HTML 14Page - Integrated Circuit Systems ICS9161A Datasheet HTML 15Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
ICS9161A
General Layout Precautions:
1) Use a ground plane on the top layer
of the PCB in all areas not used by
traces.
2) Make all power traces and vias as
wide as possible to lower inductance.
Notes:
1) All clock outputs should have series
terminating resistor. Not shown in
all places to improve readibility of
diagram.
2) 47 ohm / 56pf RC termination
should be used on all over 50MHz
outputs.
3) Optional crystal load capacitors are
recommended.
Capacitor Values:
C1, C2 : Crystal load values determined by user
C3 : 100pF ceramic
All unmarked capacitors are 0.01µF ceramic
Connections toVDD:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com