Electronic Components Datasheet Search
  English  ▼

X  

ICS9161A Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS9161A
Description  Dual Programmable Graphics Frequency Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9161A Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS9161A Datasheet HTML 4Page - Integrated Circuit Systems ICS9161A Datasheet HTML 5Page - Integrated Circuit Systems ICS9161A Datasheet HTML 6Page - Integrated Circuit Systems ICS9161A Datasheet HTML 7Page - Integrated Circuit Systems ICS9161A Datasheet HTML 8Page - Integrated Circuit Systems ICS9161A Datasheet HTML 9Page - Integrated Circuit Systems ICS9161A Datasheet HTML 10Page - Integrated Circuit Systems ICS9161A Datasheet HTML 11Page - Integrated Circuit Systems ICS9161A Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
ICS9161A
Absolute Maximum Ratings
Note
1: Parameter is guaranteed by design and characterization. Not 100% tested in production.
VDD referenced to GND ............................................... 7V
Operating temperature under bias (TOPER) .................... 0°C to 70°C
Storage temperature ...................................................... -40°C to +150°C
Max. soldering temperature (10 sec) (TSOL) ................ +260°C
Voltage on I/O pins referenced to GND ........................ GND -0.5V to VDD +0.5V
Junction temperature (Tj) .............................................. +125°C
Power dissipation ........................................................... 0.35 Watts
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This
is a stress rating only and functional operation of the device at these or any other conditions above those
indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect product reliability.
Electrical Characteristics at 5.0V
VDD = +5V ± 5%, 0°C
≤ TAMBIENT ≤ +70°C
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
C
D
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SS
N
O
I
T
I
D
N
O
C
T
S
E
TN
I
MP
Y
TX
A
MS
T
I
N
U
e
g
a
t
l
o
v
t
u
p
n
i
l
e
v
e
l
h
g
i
HV
H
I
0
.
2-
-
V
e
g
a
t
l
o
v
t
u
p
n
i
l
e
v
e
l
w
o
LV
L
I
--
8
.
0V
e
g
a
t
l
o
v
t
u
p
t
u
o
S
O
M
C
l
e
v
e
l
h
g
i
H
1
V
H
O
I
H
O
A
m
4
-
=4
8
.
3-
-
V
e
g
a
t
l
o
v
t
u
p
t
u
o
l
e
v
e
l
w
o
L
1
V
L
O
I
L
O
A
m
4
=-
-
4
.
0V
t
n
e
r
r
u
c
h
g
i
h
t
u
p
n
II
H
I
V
D
D
V
=
H
I
-
l
l
u
p
r
o
f
V
5
2
.
5
=
s
n
w
o
d
--
0
0
1A
µ
t
n
e
r
r
u
c
w
o
l
t
u
p
n
II
L
I
V
L
I
s
p
u
-
l
l
u
p
r
o
f
V
0
=0
5
2
--
-
A
µ
t
n
e
r
r
u
c
e
g
a
k
a
e
l
t
u
p
t
u
OI
Z
O
)
e
t
a
t
s
i
r
t
(0
1
--
0
1A
µ
t
n
e
r
r
u
c
y
l
p
p
u
s
r
e
w
o
PI
D
D
5
1-
5
6A
m
)
l
a
c
i
p
y
t
(
t
n
e
r
r
u
c
y
l
p
p
u
s
r
e
w
o
PI
P
Y
T
-
D
D
z
H
M
0
6
@-
5
3-
A
m
t
n
e
r
r
u
c
y
l
p
p
u
s
r
e
w
o
p
g
o
l
a
n
AI
D
D
A
--
0
2A
m
)
1
e
d
o
M
(
t
n
e
r
r
u
c
n
w
o
d
-
r
e
w
o
PI
1
D
P
-6
5
.
7A
m
)
2
e
d
o
M
(
t
n
e
r
r
u
c
n
w
o
d
-
r
e
w
o
PI
2
D
P
-5
20
5A
µ
e
c
n
a
t
i
c
a
p
a
c
t
u
p
n
I
1
C
N
I
--
0
1F
p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com