Electronic Components Datasheet Search
  English  ▼

X  

ICS9161A Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9161A
Description  Dual Programmable Graphics Frequency Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9161A Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9161A Datasheet HTML 1Page - Integrated Circuit Systems ICS9161A Datasheet HTML 2Page - Integrated Circuit Systems ICS9161A Datasheet HTML 3Page - Integrated Circuit Systems ICS9161A Datasheet HTML 4Page - Integrated Circuit Systems ICS9161A Datasheet HTML 5Page - Integrated Circuit Systems ICS9161A Datasheet HTML 6Page - Integrated Circuit Systems ICS9161A Datasheet HTML 7Page - Integrated Circuit Systems ICS9161A Datasheet HTML 8Page - Integrated Circuit Systems ICS9161A Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
ICS9161A
Register Definitions
The register file consists of the following six registers:
Register Addressing
As seen in the VCLK Selection table, OE acts to tristate the
output. The PD# pin forces the VCLK signal high while
powering down the part. The EXTCLK pin will only be
multiplexed in when EXTSEL and SEL0 are logic 0 and SEL1
is a logic 1.
The memory clock outputs are controlled by PD# and OE
as follows:
The Clock Select pins SEL0 and SEL1 have two purposes. In
serial programming mode, these pins act as the clock and data
pins. New data bits come in on SEL1 and these bits are
clocked in by a signal on SEL0. While these pins are acquiring
new information, the VCLK signal remains unchanged. When
SEL0 and SEL1 are acting as register selects, a time-out
interval is required to determine whether the user is selecting
a new register or wants to program the part. During this initial
time-out, the VCLK signal remains at its previous frequency.
At the end of this time-out interval, a new register is selected.
A second time-out interval is required to allow the VCO to
settle to its new value. During this period of time, typically
5ms, the input reference signal is multiplexed to the VCLK
signal.
When MCLK or the active VCLK register is being re-
programmed, then the reference signal is multiplexed glitch-
free to the output during the first time-out interval. A second
time-Register out interval is also required to allow the VCO
to settle. During this period, the reference signal is
multiplexed to the appropriate output signal.
The ICS9161A places the three video clock registers and the
memory clock register in a known state upon power-up. The
registers are initialized based on the state of the INIT1 and
INIT0 pins at application of power to the device. The INIT pins
must ramp up with VDD if a logical 1 on either pin is required.
These input pins are internally pulled down and will default to
a logical 0 if left unconnected.
The registers are initialized as follows:
Register Initialization
Register Selection
When the ICS9161A is operating, the video clock output is
controlled with a combination of the SEL0, SEL1, PD# and
OE pins. The video clock is also multiplexed to an external
clock (EXTCLK) which can be selected with the EXTSEL
pin. The VCLK Selection Table shows how VCLK is selected.
VCLK Selection
1
T
I
N
I0
T
I
N
IG
E
R
M0
G
E
R1
G
E
R2
G
E
R
0
0
1
1
0
1
0
1
0
0
5
.
2
3
0
0
0
.
0
4
0
5
3
.
0
5
4
4
6
.
6
5
5
7
1
.
5
2
5
7
1
.
5
2
0
0
0
.
0
4
0
0
0
.
0
4
2
2
3
.
8
2
2
2
3
.
8
2
2
2
3
.
8
2
0
5
3
.
0
5
2
2
3
.
8
2
2
2
3
.
8
2
2
2
3
.
8
2
0
5
3
.
0
5
E
O#
D
PL
E
S
T
X
E1
L
E
S0
L
E
SK
L
C
V
0
1
1
1
1
1
1
x
0
1
1
1
1
1
x
x
x
x
0
1
x
x
x
0
0
1
1
1
x
x
0
1
0
x
1
e
t
a
t
s
i
r
T
h
g
i
H
d
e
c
r
o
F
0
G
E
R
1
G
E
R
K
L
C
T
X
E
2
G
E
R
2
G
E
R
E
O#
D
PK
L
C
M
0
1
1
x
1
0
e
t
a
t
s
i
r
T
G
E
R
M
N
W
D
R
W
P
MCLK Selection
s
s
e
r
d
d
A
)
0
A
-
2
A
(
r
e
t
s
i
g
e
Rn
o
i
t
i
n
i
f
e
D
0
0
0
1
0
0
0
1
0
1
1
0
0
0
1
0
1
1
0
G
E
R
1
G
E
R
2
G
E
R
G
E
R
M
N
W
D
R
W
P
G
E
R
L
T
N
C
1
r
e
t
s
i
g
e
R
k
c
o
l
C
o
e
d
i
V
2
r
e
t
s
i
g
e
R
k
c
o
l
C
o
e
d
i
V
3
r
e
t
s
i
g
e
R
k
c
o
l
C
o
e
d
i
V
r
e
t
s
i
g
e
R
y
r
o
m
e
M
e
d
o
m
n
w
o
d
-
r
e
w
o
P
r
o
f
r
o
s
i
v
i
D
r
e
t
s
i
g
e
R
l
o
r
t
n
o
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com