Electronic Components Datasheet Search
  English  ▼

X  

ICS9161A Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9161A
Description  Dual Programmable Graphics Frequency Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9161A Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9161A Datasheet HTML 1Page - Integrated Circuit Systems ICS9161A Datasheet HTML 2Page - Integrated Circuit Systems ICS9161A Datasheet HTML 3Page - Integrated Circuit Systems ICS9161A Datasheet HTML 4Page - Integrated Circuit Systems ICS9161A Datasheet HTML 5Page - Integrated Circuit Systems ICS9161A Datasheet HTML 6Page - Integrated Circuit Systems ICS9161A Datasheet HTML 7Page - Integrated Circuit Systems ICS9161A Datasheet HTML 8Page - Integrated Circuit Systems ICS9161A Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9161A
9161
Block Diagram
Dual Programmable Graphics Frequency Generator
9161-A RevG 10/04/00
The ICS9161A is a fully programmable graphics clock
generator. It can generate user-specified clock frequencies
using an externally generated input reference or a single crystal.
The output frequency is programmed by entering a 24-bit
digital word through the serial port. Two fully user-
programmable phase-locked loops are offered in a single
package. One PLL is designed to drive the memory clock,
while the second drives the video clock. The outputs may be
changed on-the-fly to any desired frequency between 390 kHz
and 120 MHz. The ICS9161A is ideally suited for any design
where multiple or varying frequencies are required.
This part is ideal for graphics applications. It generates low
jitter, high speed pixel clocks. It can be used to replace multiple,
expensive high speed crystal oscillators. The flexibility of the
device allows it to generate non-standard graphics clocks.
The ICS9161A is also ideal in disk drives. It can generate
zone clocks for constant density recording schemes. The low
profile, 16-pin SOIC or PDIP package and low jitter outputs
are especially attractive in board space critical disk drives.
The leader in the area of multiple output clocks on a single
chip, ICS has been shipping graphics frequency generators
since October, 1990, and is constantly improving the phase-
locked loop. The ICS9161A incorporates a patented fourth
generation PLL that offers the best jitter performance available.
•
Pin-for-pin and function compatible with ICD2061A
•
Dual programmable graphics clock generator
•
Memory and video clocks are individually
programmable on-the-fly
•
Ideal for designs where multiple or varying frequencies
are required
•
Increased frequency resolution from optional pre-
divide by 2 on the M counter
•
Output enable feature available for tristating outputs
•
Independent clock outputs range from 390 kHz to 120
MHz for VDD >4.75V
•
Power-down capabilities
•
Low power, high speed 0.8µ CMOS technology
•
Glitch-free transitions
•
Available in 16-pin, 300-mil SOIC or PDIP package
ICS reserves the right to make changes in the device data identified in this publication
without further notice. ICS advises its customers to obtain the latest version of all
device data to verify that any information being relied upon by the customer is current
and accurate.
EXTCLK
EXTSEL
VCO OUTPUT
DIVIDER
R=1,2,4,8,16
32,64,128
VCO
CMOS
OUTPUT
DRIVER
MCLK
OE
VCO
DIVIDE
(N÷)
VCO OUTPUT
DIVIDER
R=1,2,4,8,16
32,64,128
VCO
REF
DIVIDE
(M÷)
MUX
CMOS
OUTPUT
DRIVER
VCLK
D14-D20
7
D0-D3
4
D11-D13
3
REF
f
D14-D20
7
D4-D10
7
D0-D3
4
D11-D13
3
24
24
MCLK
(D0-D20)
21
21
VCLK
(D0-D20)
21
21
21
REGISTERS
3
ADDRESS
INIT
ROM
POR
INIT1
INIT2
SEL0-CLK
SEL1-DATA
DECODE
LOGIC
21
DATA
CONTROL REG
XTAL
OSC
X1
X2
PD
3-TO-1
MUX
Pscale
P= 2or4
REF
DIVIDE
(M÷)
D4-D10
7
VCO
DIVIDE
(N÷)
Pscale
P= 2


Similar Part No. - ICS9161A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9161A RENESAS-ICS9161A Datasheet
1Mb / 16P
Dual Programmable Graphics Frequency Generator
2019
ICS9161A-01CN16LF RENESAS-ICS9161A-01CN16LF Datasheet
1Mb / 16P
Dual Programmable Graphics Frequency Generator
2019
More results

Similar Description - ICS9161A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9110 ICST-AV9110 Datasheet
267Kb / 10P
Serially Programmable Frequency Generator
Rev F 5/30/00
ICS1572 ICST-ICS1572 Datasheet
276Kb / 19P
User Programmable Differential Output Graphics Clock Generator
RevC093094
ICS82C404 ICST-ICS82C404 Datasheet
610Kb / 13P
Dual Programmable Graphics Frequency Generator
RevA111095
ICS1562B ICST-ICS1562B Datasheet
289Kb / 20P
User Programmable Differential Output Graphics Clock Generator
Rev B 10/07/04
logo
List of Unclassifed Man...
CH9294 ETC1-CH9294 Datasheet
199Kb / 6P
DUAL GRAPHICS CLOCK GENERATOR
logo
Analog Devices
AD5932 AD-AD5932_15 Datasheet
433Kb / 28P
Programmable Frequency Scan Waveform Generator
REV. A
AD5932 AD-AD5932_17 Datasheet
519Kb / 28P
Programmable Frequency Scan Waveform Generator
4/2017-Rev. B to Rev. C
logo
Renesas Technology Corp
ICS1562B RENESAS-ICS1562B Datasheet
295Kb / 20P
User Programmable Differential Output Graphics Clock Generator
10/07/04
AV9110 RENESAS-AV9110 Datasheet
650Kb / 12P
Serially Programmable Frequency Generator
2019
ICS9161A RENESAS-ICS9161A Datasheet
1Mb / 16P
Dual Programmable Graphics Frequency Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com