Electronic Components Datasheet Search
  English  ▼

X  

ICS9161A Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS9161A
Description  Dual Programmable Graphics Frequency Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9161A Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS9161A Datasheet HTML 5Page - Integrated Circuit Systems ICS9161A Datasheet HTML 6Page - Integrated Circuit Systems ICS9161A Datasheet HTML 7Page - Integrated Circuit Systems ICS9161A Datasheet HTML 8Page - Integrated Circuit Systems ICS9161A Datasheet HTML 9Page - Integrated Circuit Systems ICS9161A Datasheet HTML 10Page - Integrated Circuit Systems ICS9161A Datasheet HTML 11Page - Integrated Circuit Systems ICS9161A Datasheet HTML 12Page - Integrated Circuit Systems ICS9161A Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
ICS9161A
Electrical Characteristics at 5.0V (continued)
Notes:
1. Parameter guaranteed by design and characterization. Not 100% tested in production.
2. For reference frequencies other than 14.81818 MHz, the pre-loaded ROM frequencies will shift proportionally.
3. Duty cycle is measured at CMOS threshold levels. At 5 volts, VTH=2.5 volts.
4. If the interval is too short, see the time-out interval section in the control register definition.
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
C
A
N
O
I
T
P
I
R
C
S
E
DE
M
A
NL
O
B
M
Y
SN
I
MP
Y
TX
A
MS
T
I
N
U
e
u
l
a
v
r
o
t
a
l
l
i
c
s
o
e
c
n
e
r
e
f
e
R
2
e
c
n
e
r
e
f
e
R
y
c
n
e
u
q
e
r
f
f
F
E
R
18
1
8
1
3
.
4
10
6z
H
M
f
/
1
F
E
R
d
o
i
r
e
p
e
c
n
e
r
e
f
e
Rt
F
E
R
6
.
6
18
0
4
8
.
9
60
0
0
1s
n
r
o
t
a
l
l
i
c
s
o
t
u
p
n
i
e
h
t
r
o
f
e
l
c
y
c
y
t
u
D
t
s
a
d
e
n
i
f
e
d
1 t
/
F
E
R
e
l
c
y
c
y
t
u
d
t
u
p
n
It
1
%
5
2-
%
5
7-
s
e
u
l
a
v
r
o
t
a
l
l
i
c
s
o
t
u
p
t
u
O
k
c
o
l
c
t
u
p
t
u
O
s
d
o
i
r
e
p
t
2
0
2
1
(
3
3
.
8
)
z
H
M
-
0
9
3
(
4
6
5
2
)
z
H
k
s
n
s
r
o
t
a
l
l
i
c
s
o
t
u
p
t
u
o
e
h
t
r
o
f
e
l
c
y
c
y
t
u
D
3
e
l
c
y
c
y
t
u
d
t
u
p
t
u
Ot
3
%
5
4-
%
5
5-
a
o
t
n
i
s
r
o
t
a
l
l
i
c
s
o
t
u
p
t
u
o
e
h
t
r
o
f
e
m
i
t
e
s
i
R
d
a
o
l
F
p
5
2
s
e
m
i
t
e
s
i
Rt
4
--
3
s
n
a
o
t
n
i
s
r
o
t
a
l
l
i
c
s
o
t
u
p
t
u
o
e
h
t
r
o
f
e
m
i
t
l
l
a
F
d
a
o
l
F
p
5
2
s
e
m
i
t
l
l
a
Ft
5
--
3
s
n
t
u
p
t
u
o
y
c
n
e
u
q
e
r
f
d
l
Ot
u
p
t
u
o
1
q
e
r
ft
1
q
e
r
f
----
t
u
p
t
u
o
y
c
n
e
u
q
e
r
f
w
e
Nt
u
p
t
u
o
2
q
e
r
ft
2
q
e
r
f
----
e
l
i
h
w
h
g
i
h
s
n
i
a
m
e
r
t
u
p
t
u
o
k
c
o
l
c
e
m
i
T
y
c
n
e
u
q
e
r
f
e
c
n
e
r
e
f
e
r
o
t
s
e
x
u
m
t
u
p
t
u
o
f
F
E
R
e
m
i
t
x
u
mt
A
t
5
.
0
F
E
R
-t
5
.
1
F
E
R
s
n
r
o
f
d
n
a
g
n
i
m
m
a
r
g
o
r
p
l
a
i
r
e
s
r
o
f
l
a
v
r
e
t
n
I
e
l
t
t
e
s
o
t
s
e
g
n
a
h
c
O
C
V
4
l
a
v
r
e
t
n
i
t
u
o
-
e
m
i
Tt
t
u
o
-
e
m
i
t
25
0
1s
m
e
l
i
h
w
h
g
i
h
s
n
i
a
m
e
r
t
u
p
t
u
o
k
c
o
l
c
e
m
i
T
e
u
l
a
v
y
c
n
e
u
q
e
r
f
w
e
n
o
t
s
e
x
u
m
t
u
p
t
u
o
t
2
q
e
r
f
e
m
i
t
x
u
mt
B
t
5
.
0
F
E
R
t
5
.
1
F
E
R
-s
n
o
t
n
i
o
g
o
t
s
r
o
t
a
l
l
i
c
s
o
t
u
p
t
u
o
e
h
t
r
o
f
e
m
i
T
l
a
n
g
i
s
-
S
I
D
T
U
O
r
e
t
f
a
e
d
o
m
e
t
a
t
s
i
r
t
n
o
i
t
r
e
s
s
a
e
t
a
t
s
i
r
Tt
6
-5
2-
s
n
r
e
v
o
c
e
r
o
t
s
r
o
t
a
l
l
i
c
s
o
t
u
p
t
u
o
e
h
t
r
o
f
e
m
i
T
l
a
n
g
i
s
-
S
I
D
T
U
O
r
e
t
f
a
e
d
o
m
e
t
a
t
s
i
r
t
m
o
r
f
h
g
i
h
s
e
o
g
d
i
l
a
v
K
L
Ct
7
-2
1-
s
n
n
o
i
t
a
r
e
p
o
f
o
e
d
o
m
n
w
o
d
-
r
e
w
o
p
r
o
f
e
m
i
T
t
c
e
f
f
e
e
k
a
t
o
t
n
w
o
d
-
r
e
w
o
Pt
8
-5
2-
s
n
n
w
o
d
-
r
e
w
o
p
m
o
r
f
y
r
e
v
o
c
e
r
r
o
f
e
m
i
T
K
L
C
d
i
l
a
v
a
o
t
e
d
o
m
p
u
-
r
e
w
o
Pt
9
-2
1-
s
n
r
e
t
f
a
h
g
i
h
o
g
o
t
K
L
C
M
r
o
f
e
m
i
T
h
g
i
h
d
e
t
r
e
s
s
a
s
i
N
W
D
R
W
P
h
g
i
h
T
U
O
K
L
C
Mt
0
1
0-
t
N
W
D
R
W
P
s
n
f
o
t
r
o
i
r
p
K
L
C
M
f
o
y
a
l
e
D
K
L
C
M
t
a
l
a
n
g
i
s
t
u
p
t
u
o
y
a
l
e
d
T
U
O
K
L
C
Mt
1
1
t
5
.
0
K
L
C
M
-t
5
.
1
K
L
C
M
s
n
k
c
o
l
c
l
a
i
r
e
s
f
o
d
o
i
r
e
p
k
c
o
l
Ct
k
l
c
r
e
s
t
•
2
F
E
R
-2
s
m
e
m
i
t
p
u
-
t
e
St
U
S
0
2-
-
s
n
e
m
i
t
d
l
o
Ht
D
H
0
1-
-
s
n
d
n
a
m
m
o
c
d
a
o
Lt
d
m
c
d
l
0-
t
1
0
3
+s
n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com