Electronic Components Datasheet Search
  English  ▼

X  

ICS9161A Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS9161A
Description  Dual Programmable Graphics Frequency Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9161A Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS9161A Datasheet HTML 3Page - Integrated Circuit Systems ICS9161A Datasheet HTML 4Page - Integrated Circuit Systems ICS9161A Datasheet HTML 5Page - Integrated Circuit Systems ICS9161A Datasheet HTML 6Page - Integrated Circuit Systems ICS9161A Datasheet HTML 7Page - Integrated Circuit Systems ICS9161A Datasheet HTML 8Page - Integrated Circuit Systems ICS9161A Datasheet HTML 9Page - Integrated Circuit Systems ICS9161A Datasheet HTML 10Page - Integrated Circuit Systems ICS9161A Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
ICS9161A
Power Management Issues
Power-down mode 1
The ICS9161A contains a mechanism to reduce the quiescent
power when stand-by operation is desired. Power-down mode
1 is invoked by polling PD# low and having the proper CNTL
register bit set to zero. In this mode, VCOs are shut down, the
VCLK output is forced high, and the MCLK output is set to a
user-defined low frequency value to refresh dynamic RAM.
The power-down MCLK value is determined by the following
equation:
MCLKPD = FREF/(PWRDWN register divisor value)
The power-down register divisor is determined according to
the 4-bit word programmed into the PWRDWN register (see
table below).
Power-down mode 2
When there is no need for any output during power-down, an
alternate mode is available which will completely shut down
all outputs and the reference oscillator, but still preserves all
register contents. Power-down mode 2 in invoked by first
programming the power-down bit in the CNTL register and
then pulling the PD# pin low.
The PD# pin
The PD# pin has a standard internal pull-up resistor during
normal operation. When the chip goes into power-down
mode 1 or 2, the normal pull-up resistor is dynamically
switched to a weak pull-up, which reduces power consumption.
If the PD# pin is allowed to float after it has been pulled
down, the weak pull-up will bring the signal high and allow the
device to resume operation.
Power-Down Register Table
s
t
i
b
N
W
D
R
W
PN
W
D
R
W
Pn
w
o
d
-
r
e
w
o
PD
P
K
L
C
M
3
P2
P1
P0
Pe
u
l
a
V
r
e
t
s
i
g
e
Rr
o
s
i
v
i
Df
(
F
E
R
)
8
1
8
1
3
.
4
1
=
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
2
3
4
5
6
7
)
t
l
u
a
f
e
d
(
8
9
A
B
C
D
E
F
a
/
n
2
3
0
3
8
2
6
2
4
2
2
2
0
2
8
1
6
1
4
1
2
1
0
1
8
6
4
a
/
n
z
H
k
4
.
7
4
4
z
H
k
3
.
7
7
4
z
H
k
4
.
1
1
5
z
H
k
7
.
0
5
5
z
H
k
6
.
6
9
5
z
H
k
8
.
0
5
6
z
H
k
9
.
5
1
7
z
H
k
5
.
5
9
7
z
H
k
9
.
4
9
8
z
H
M
2
0
.
1
z
H
M
9
1
.
1
z
H
M
3
4
.
1
z
H
M
9
7
.
1
z
H
M
9
3
.
2
z
H
M
8
5
.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com