Electronic Components Datasheet Search
  English  ▼

X  

ICS9161A Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9161A
Description  Dual Programmable Graphics Frequency Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9161A Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9161A Datasheet HTML 1Page - Integrated Circuit Systems ICS9161A Datasheet HTML 2Page - Integrated Circuit Systems ICS9161A Datasheet HTML 3Page - Integrated Circuit Systems ICS9161A Datasheet HTML 4Page - Integrated Circuit Systems ICS9161A Datasheet HTML 5Page - Integrated Circuit Systems ICS9161A Datasheet HTML 6Page - Integrated Circuit Systems ICS9161A Datasheet HTML 7Page - Integrated Circuit Systems ICS9161A Datasheet HTML 8Page - Integrated Circuit Systems ICS9161A Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
ICS9161A
Pin Descriptions
Pin Configuration
R
E
B
M
U
N
N
I
PE
M
A
N
N
I
PE
P
Y
TN
O
I
T
P
I
R
C
S
E
D
1K
L
C
-
0
L
E
SN
I
.
e
d
o
m
g
n
i
t
a
r
e
p
o
n
i
n
i
p
t
c
e
l
e
s
k
c
o
l
C
.
e
d
o
m
g
n
i
m
m
a
r
g
o
r
p
l
a
i
r
e
s
n
i
t
u
p
n
i
k
c
o
l
C
.
D
N
G
o
t
n
w
o
d
-
l
l
u
p
l
a
n
r
e
t
n
i
s
a
H
2A
T
A
D
-
1
L
E
SN
I
s
a
H
.
e
d
o
m
g
n
i
t
a
r
e
p
o
n
i
n
i
p
t
c
e
l
e
s
k
c
o
l
C
.
e
d
o
m
g
n
i
m
m
a
r
g
o
r
p
l
a
i
r
e
s
n
i
t
u
p
n
i
a
t
a
D
.
D
N
G
o
t
n
w
o
d
-
l
l
u
p
l
a
n
r
e
t
n
i
3D
D
V
AR
W
P.
r
e
w
o
P
4E
ON
I.
D
D
V
o
t
p
u
-
l
l
u
p
l
a
n
r
e
t
n
i
s
a
H
.
w
o
l
n
e
h
w
s
t
u
p
t
u
o
s
e
t
a
t
s
i
r
T
5D
N
GR
W
P.
d
n
u
o
r
G
61
XN
I
r
o
f
s
a
i
b
k
c
a
b
d
e
e
f
d
n
a
e
c
n
a
t
i
c
a
p
a
c
d
a
o
l
L
A
T
X
s
e
d
u
l
c
n
i
t
u
p
n
i
s
i
h
T
.
t
u
p
n
i
l
a
t
s
y
r
C
.
l
a
t
s
y
r
c
e
h
t
72
XT
U
O.
e
c
n
a
t
i
c
a
p
a
c
d
a
o
l
L
A
T
X
l
a
n
r
e
t
n
i
s
e
d
u
l
c
n
i
h
c
i
h
w
t
u
p
t
u
o
l
a
t
s
y
r
C
8K
L
C
MT
U
O.
t
u
p
t
u
o
k
c
o
l
c
y
r
o
m
e
M
9K
L
C
VT
U
O.
t
u
p
t
u
o
k
c
o
l
c
o
e
d
i
V
0
1#
T
U
O
R
R
ET
U
O.
d
r
o
w
d
e
m
m
a
r
g
o
r
p
y
l
l
a
i
r
e
s
e
h
t
n
i
r
o
r
r
e
n
a
s
l
a
n
g
i
s
w
o
l
t
u
p
t
u
O
1
1K
L
C
T
X
EN
I.
D
D
V
o
t
p
u
-
l
l
u
p
l
a
n
r
e
t
n
i
s
a
H
.
t
u
p
n
i
k
c
o
l
c
l
a
n
r
e
t
x
E
2
10
T
I
N
IN
I
.
D
N
G
o
t
n
w
o
d
-
l
l
u
p
l
a
n
r
e
t
n
i
s
a
H
.
B
S
L
,
s
n
o
i
t
i
d
n
o
c
p
u
-
r
e
w
o
p
l
a
i
t
i
n
i
s
t
c
e
l
e
S
3
1D
D
VR
W
P.
r
e
w
o
P
4
11
T
I
N
IN
I
.
D
N
G
o
t
n
w
o
d
-
l
l
u
p
l
a
n
r
e
t
n
i
s
a
H
.
B
S
M
,
s
n
o
i
t
i
d
n
o
c
p
u
-
r
e
w
o
p
l
a
i
t
i
n
i
s
t
c
e
l
e
S
5
1L
E
S
T
X
EN
I
o
t
p
u
-
l
l
u
p
l
a
n
r
e
t
n
i
s
a
H
.
t
u
p
t
u
o
K
L
C
V
s
a
)
K
L
C
T
X
E
(
t
u
p
n
i
k
c
o
l
c
l
a
n
r
e
t
x
e
s
t
c
e
l
e
S
.
D
D
V
6
1#
D
PN
I.
D
D
V
o
t
p
u
-
l
l
u
p
l
a
n
r
e
t
n
i
s
a
H
.
w
o
l
e
v
i
t
c
a
,
n
i
p
n
w
o
d
-
r
e
w
o
P
16-Pin 300- mil SOIC or PDIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com