Electronic Components Datasheet Search
  English  ▼

X  

MK715RTR Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # MK715RTR
Description  Touch Screen Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK715RTR Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button MK715RTR Datasheet HTML 8Page - Integrated Circuit Systems MK715RTR Datasheet HTML 9Page - Integrated Circuit Systems MK715RTR Datasheet HTML 10Page - Integrated Circuit Systems MK715RTR Datasheet HTML 11Page - Integrated Circuit Systems MK715RTR Datasheet HTML 12Page - Integrated Circuit Systems MK715RTR Datasheet HTML 13Page - Integrated Circuit Systems MK715RTR Datasheet HTML 14Page - Integrated Circuit Systems MK715RTR Datasheet HTML 15Page - Integrated Circuit Systems MK715RTR Datasheet HTML 16Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
12
MK715
Power and Clock Control
The power consumed by the MK715 can be controlled by programming various register bits.
D
P2
3
S
I
DL
L
P
N
ER
N
O
C
N
E
n
e
e
r
c
S
e
h
t
s
I
?
d
e
h
c
u
o
T
n
o
i
t
i
d
n
o
C
p
i
h
CD
D
I
l
a
c
i
p
y
T
10
X
X
X
ff
o
g
n
i
h
t
y
r
e
v
E0
11
X
X
X
l
a
t
s
y
r
c
t
p
e
c
x
e
ff
o
g
n
i
h
t
y
r
e
v
E
fi
(
t
u
p
t
u
o
z
H
k
2
3
d
n
a
r
o
t
a
ll
i
c
s
o
)
d
e
t
c
e
l
e
s
4mA
0X
0
0
o
N
l
a
t
s
y
r
c
t
p
e
c
x
e
ff
o
g
n
i
h
t
y
r
e
v
E
z
H
k
2
3
d
n
a
r
o
t
a
ll
i
s
c
o
s
n
i
p
T
N
I
d
n
a
#
H
C
U
O
T
.t
u
p
t
u
o
.
s
u
t
a
t
s
h
c
u
o
t
n
i
s
e
g
n
a
h
c
o
t
d
n
o
p
s
e
r
4mA
0X
0
0
s
e
Y
l
a
t
s
y
r
c
t
p
e
c
x
e
ff
o
g
n
i
h
t
y
r
e
v
E
z
H
k
2
3
d
n
a
r
o
t
a
ll
i
s
c
o
s
n
i
p
T
N
I
d
n
a
#
H
C
U
O
T
.t
u
p
t
u
o
.
s
u
t
a
t
s
h
c
u
o
t
n
i
s
e
g
n
a
h
c
o
t
d
n
o
p
s
e
r
0
4 mA
0X
1
0
X
l
a
t
s
y
r
c
t
p
e
c
x
e
ff
o
g
n
i
h
t
y
r
e
v
E
.
s
t
u
p
t
u
o
k
c
o
l
c
d
n
a
L
L
P
,r
o
t
a
ll
i
c
s
o
o
t
d
n
o
p
s
e
r
s
n
i
p
T
N
I
d
n
a
#
H
C
U
O
T
.
s
u
t
a
t
s
H
C
U
O
T
n
i
s
e
g
n
a
h
c
n
o
s
d
n
e
p
e
d
(
A
m
2
y
c
n
e
u
q
e
r
f
k
c
o
l
c
g
n
i
d
a
o
l
d
n
a
0X
0
1
o
N
l
a
t
s
y
r
c
t
p
e
c
x
e
ff
o
g
n
i
h
t
y
r
e
v
E
.
s
t
u
p
t
u
o
k
c
o
l
c
d
n
a
r
o
t
a
ll
i
c
s
o
4mA
0X
1
1
O
N
l
a
t
s
y
r
c
t
p
e
c
x
e
ff
o
g
n
i
h
t
y
r
e
v
E
.
s
t
u
p
t
u
o
k
c
o
l
c
d
n
a
L
L
P
,r
o
t
a
ll
i
c
s
o
A
m
2
0X
X
1
s
e
Y.
g
n
it
a
r
e
p
o
.
c
t
e
,
L
L
P
,
C
D
A
r
e
w
o
P
e
e
S
(
A
m
5
t
n
e
r
r
u
C
y
l
p
p
u
S
)
s
h
p
a
r
g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com