Electronic Components Datasheet Search
  English  ▼

X  

MK715RTR Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # MK715RTR
Description  Touch Screen Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK715RTR Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button MK715RTR Datasheet HTML 7Page - Integrated Circuit Systems MK715RTR Datasheet HTML 8Page - Integrated Circuit Systems MK715RTR Datasheet HTML 9Page - Integrated Circuit Systems MK715RTR Datasheet HTML 10Page - Integrated Circuit Systems MK715RTR Datasheet HTML 11Page - Integrated Circuit Systems MK715RTR Datasheet HTML 12Page - Integrated Circuit Systems MK715RTR Datasheet HTML 13Page - Integrated Circuit Systems MK715RTR Datasheet HTML 14Page - Integrated Circuit Systems MK715RTR Datasheet HTML 15Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
MK715
Clock Control
Clock Selection Tables
Clocks may be programmed to be on any of three pins per the description above. The clocks are controlled by the
following register bits (see register description for more details): STATUS register, bits 2 and 3; and CONTROL
register bits 0, 1, 2, 3, 4, 5, 7.
2
L
E
SD
PL
L
P
N
E2
3
S
I
DQ
E
R
F
T
U
O
K
L
CS
E
T
O
N
00
x
0
8
6
7
.
2
3e
t
a
t
S
p
u
-r
e
w
o
P
00
x
1
8
6
7
.
2
3
01
x
0
8
6
7
.
2
3
01
x
1
F
F
O
10
0
x
Z
H
M
n
e
h
w
yl
n
o
s
n
u
R
d
e
h
c
u
o
t
n
e
e
r
c
s
10
1
x
Z
H
Mg
n
in
n
u
R
s
y
a
w
l
A
11
0
x
F
F
O
11
1
x
F
F
O
CLOCKMHZ
Phase
Locked
32.768kHz
ToA-D Converter
SEL0, SEL1
1
1
/ 8
CLKOUT
TOUCH#
INT
CLKSEL
ENPLL
PD
X2
X1
DIS32
PD
1
3
2
1
/ 4
/ 2
TOUCH#
SEL2
SEL4
SEL3
14.3196 or
INT
L
E
S
K
C1
L
E
S0
L
E
SZ
H
M
K
C
O
L
C
000
6
9
1
3.
4
1
00
1
0
6
1.
7
01
0
0
8
5.
3
01
1
0
9
7.
1
10
0
6
5
4
7.
4
1
10
1
8
2
7
3.
7
11
0
4
6
8
6.
3
111
2
3
4
8.
1
2
L
E
ST
U
O
K
C
O
L
C
0z
H
k
8
6
7
.
2
3
1Z
H
M
K
C
O
L
C
4
L
E
S#
H
C
U
O
T
0#
H
C
U
O
T
1Z
H
M
K
C
O
L
C
3
L
E
ST
N
I
0T
N
I
1Z
H
M
K
C
O
L
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com