Electronic Components Datasheet Search
  English  ▼

X  

MK715RTR Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # MK715RTR
Description  Touch Screen Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK715RTR Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button MK715RTR Datasheet HTML 4Page - Integrated Circuit Systems MK715RTR Datasheet HTML 5Page - Integrated Circuit Systems MK715RTR Datasheet HTML 6Page - Integrated Circuit Systems MK715RTR Datasheet HTML 7Page - Integrated Circuit Systems MK715RTR Datasheet HTML 8Page - Integrated Circuit Systems MK715RTR Datasheet HTML 9Page - Integrated Circuit Systems MK715RTR Datasheet HTML 10Page - Integrated Circuit Systems MK715RTR Datasheet HTML 11Page - Integrated Circuit Systems MK715RTR Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
MK715
Rate Register (Register 2) Programming
P.P.S. = Points Per Second. With 14.7456 MHz clock selected.
Calculating Points Per Second
The formula for determining P.P.S. is:
P.P.S. =
fin
24072+(4096×COUNT)
Where fin is the frequency of the
internal clock (14.3196 MHz or
14.7456 MHz) and COUNT is
the value of the rate register.
On application of power, an internal reset is generated that clears all bits in registers 0, 2, and 3. Register 1 is set to
32 giving a rate of 92 PPS with 14.3196 MHz selected.
Power-On Reset
The interrupt on the MK715 can only be cleared by reading any register or, alternatively, by writing PD (register 0, bit
2) to one, which forces a powerdown. After a fault condition, initialize the MK715 by writing PD to one, then writing
PD to zero. This will always clear pending interrupts.
Initializing the MK715
t
n
u
o
C.
S
.
P
.
Pt
n
u
o
C.
S
.
P
.
Pt
n
u
o
C.
S
.
P
.
P
5
o
t
0d
e
tt
i
m
r
e
p
t
o
N5
27
1
15
80
4
63
0
36
23
1
10
98
3
70
8
27
29
0
15
96
3
89
5
28
26
0
10
0
14
3
92
4
29
23
0
15
0
12
3
0
17
2
20
30
0
10
1
11
3
1
13
1
21
38
95
1
10
3
2
11
0
22
35
90
2
19
2
3
11
9
13
33
95
2
18
2
4
11
8
14
30
95
3
16
2
5
12
7
15
38
85
4
14
2
6
15
6
10
48
75
5
12
2
7
17
5
15
41
75
6
11
2
8
11
5
10
54
65
7
10
2
9
15
4
15
59
55
8
19
1
0
29
3
10
65
55
9
18
1
1
24
3
15
61
55
0
27
1
2
29
2
10
77
45
1
26
1
3
25
2
15
75
45
3
25
1
4
20
2
10
82
45
5
24
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com