Electronic Components Datasheet Search
  English  ▼

X  

MK715RTR Datasheet(PDF) 19 Page - Integrated Circuit Systems

Part # MK715RTR
Description  Touch Screen Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK715RTR Datasheet(HTML) 19 Page - Integrated Circuit Systems

Back Button MK715RTR Datasheet HTML 14Page - Integrated Circuit Systems MK715RTR Datasheet HTML 15Page - Integrated Circuit Systems MK715RTR Datasheet HTML 16Page - Integrated Circuit Systems MK715RTR Datasheet HTML 17Page - Integrated Circuit Systems MK715RTR Datasheet HTML 18Page - Integrated Circuit Systems MK715RTR Datasheet HTML 19Page - Integrated Circuit Systems MK715RTR Datasheet HTML 20Page - Integrated Circuit Systems MK715RTR Datasheet HTML 21Page - Integrated Circuit Systems MK715RTR Datasheet HTML 22Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
19
MK715
MIN
MAX
A SK Period
50
ns
B SK High TIme
15
(SK Period) -15
ns
C CS Setup to SK high
15
ns
D DI Setup to SK high
15
ns
E DI Hold from SK high
15
ns
F DO valid from SK high
20
ns
G CS hold from last SK high
50
ns
MK715 TIMING DIAGRAM
1
234
A
B
SK
WR
A1
CS
DI
C
E
D
DO
Tri-State
14
15
16
25
D11
D10
D9
D1
D0
Don't Care
SK
CS
DI
DO
F
F
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com