Electronic Components Datasheet Search
  English  ▼

X  

MK715RTR Datasheet(PDF) 18 Page - Integrated Circuit Systems

Part # MK715RTR
Description  Touch Screen Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK715RTR Datasheet(HTML) 18 Page - Integrated Circuit Systems

Back Button MK715RTR Datasheet HTML 14Page - Integrated Circuit Systems MK715RTR Datasheet HTML 15Page - Integrated Circuit Systems MK715RTR Datasheet HTML 16Page - Integrated Circuit Systems MK715RTR Datasheet HTML 17Page - Integrated Circuit Systems MK715RTR Datasheet HTML 18Page - Integrated Circuit Systems MK715RTR Datasheet HTML 19Page - Integrated Circuit Systems MK715RTR Datasheet HTML 20Page - Integrated Circuit Systems MK715RTR Datasheet HTML 21Page - Integrated Circuit Systems MK715RTR Datasheet HTML 22Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
18
MK715
r
e
t
e
m
a
r
a
Ps
n
o
it
i
d
n
o
Cm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
ti
n
U
)
1
e
t
o
N
(
S
G
N
I
T
A
R
M
U
M
I
X
A
M
E
T
U
L
O
S
B
A
s
t
u
p
t
u
O
k
c
o
l
C
d
n
a
s
t
u
p
n
ID
N
G
o
t
d
e
c
n
e
r
e
f
e
R5
.
0
-5
.
0
+
D
D
VV
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O
t
n
e
i
b
m
A
00
7C
e
r
u
t
a
r
e
p
m
e
T
g
n
ir
e
d
l
o
Ss
d
n
o
c
e
s
0
2
f
o
x
a
M0
6
2C
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
5
6
-0
5
1C
)
d
e
t
o
n
s
s
e
l
n
u
(
V
5
R
O
V
3
.
3
=
D
D
V
(
S
C
I
T
S
I
R
E
T
C
A
R
A
H
C
C
D
D
D
V
,
e
g
a
tl
o
V
g
n
it
a
r
e
p
O
35
.
5V
e
g
a
tl
o
V
h
g
i
H
t
u
p
n
IV
5
=
D
D
V2
V
L
I
V
,
e
g
a
tl
o
V
w
o
L
t
u
p
n
IV
5
=
D
D
V8
.
0V
H
O
V
,
e
g
a
tl
o
V
h
g
i
H
t
u
p
t
u
OA
m
2
-
=
H
O
I4
.
0
-
D
D
VV
H
O
V
,
e
g
a
tl
o
V
h
g
i
H
t
u
p
t
u
O
A
m
2
1
=
H
O
I
,
V
5
=
D
D
V4
.
2V
L
O
V
,
e
g
a
tl
o
V
w
o
L
t
u
p
t
u
O
A
m
2
1
=
L
O
I
,
V
5
=
D
D
V4
0
.V
H
I
V
,
e
g
a
tl
o
V
h
g
i
H
t
u
p
n
IV
3
.
3
=
D
D
V9
.
1V
L
I
V
,
e
g
a
tl
o
V
w
o
L
t
u
p
n
IV
3
.
3
=
D
D
V4
.
0V
H
O
V
,
e
g
a
tl
o
V
h
g
i
H
t
u
p
t
u
O
A
m
6
-
=
H
O
I
,
V
3
.
3
=
D
D
V4
.
2V
L
O
V
,
e
g
a
tl
o
V
w
o
L
t
u
p
t
u
O
A
m
6
=
L
O
I
,
V
3
.
3
=
D
D
V4
.
0V
V
5
=
D
D
V
t
a
,
D
D
I
,t
n
e
r
r
u
C
y
l
p
p
u
S
g
n
it
a
r
e
p
O2
e
t
o
n5
A
m
V
3
.
3
=
D
D
V
t
a
,
D
D
I
,t
n
e
r
r
u
C
y
l
p
p
u
S
g
n
it
a
r
e
p
O2
e
t
o
n3
A
m
n
o
k
c
o
l
c
,
y
b
d
n
a
t
s
D
D
I
t
n
e
r
r
u
C
y
l
p
p
u
S
g
n
it
a
r
e
p
O3
e
t
o
n3
A
n
w
o
d
r
e
w
o
p
D
D
I
,t
n
e
r
r
u
C
y
l
p
p
u
S
g
n
it
a
r
e
p
Ok
c
o
l
c
o
n
,
1
=
D
P2
.
03
A
t
n
e
r
r
u
C
ti
u
c
ri
C
tr
o
h
St
u
p
t
u
o
h
c
a
E0
5A
m
e
c
n
a
ti
c
a
p
a
C
t
u
p
n
I
7F
p
n
o
it
u
l
o
s
e
R
0
1s
ti
b
y
ti
r
a
e
n
il
-
n
o
N4
e
t
o
n
,
c
i
n
o
t
o
n
o
M2
B
S
L
e
c
n
a
t
s
i
s
e
R
n
e
e
r
c
S
h
c
u
o
T
0
0
10
0
0
2
e
c
n
e
r
e
f
e
R
e
g
a
tl
o
VC
5
2
,
V
3
.
3
=
D
D
V6
6
2
.
19
7
2
.
12
9
2
.
1V
)
d
e
t
o
n
s
s
e
l
n
u
(
V
5
R
O
V
3
.
3
=
D
D
V
(
S
C
I
T
S
I
R
E
T
C
A
R
A
H
C
C
A
y
c
n
e
u
q
e
r
F
l
a
t
s
y
r
C
r
o
k
c
o
l
C
t
u
p
n
I
8
6
7
.
2
3z
H
k
e
m
i
T
e
s
i
R
t
u
p
t
u
O
V
5
=
D
D
V
,
V
0
.
2
o
t
8
.
03
s
n
e
m
I
T
ll
a
F
t
u
p
t
u
O
V
5
=
D
D
V
,
V
8
.
0
o
t
0
.
23
s
n
±
W
m
m
±
Notes:
1. Stresses beyond those listed under Absolute Maximum Ratings could cause permanent damage to the device. Prolonged
exposure to levels above the operating limits but below the Absolute Maximums may affect device relaibility.
2. Assumes 300 W screen, 100 pps.
3. Assumes no touch.
4. With no missing codes.
Electrical Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com