Electronic Components Datasheet Search
  English  ▼

X  

MK715RTR Datasheet(PDF) 22 Page - Integrated Circuit Systems

Part # MK715RTR
Description  Touch Screen Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK715RTR Datasheet(HTML) 22 Page - Integrated Circuit Systems

Back Button MK715RTR Datasheet HTML 14Page - Integrated Circuit Systems MK715RTR Datasheet HTML 15Page - Integrated Circuit Systems MK715RTR Datasheet HTML 16Page - Integrated Circuit Systems MK715RTR Datasheet HTML 17Page - Integrated Circuit Systems MK715RTR Datasheet HTML 18Page - Integrated Circuit Systems MK715RTR Datasheet HTML 19Page - Integrated Circuit Systems MK715RTR Datasheet HTML 20Page - Integrated Circuit Systems MK715RTR Datasheet HTML 21Page - Integrated Circuit Systems MK715RTR Datasheet HTML 22Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
22
MK715
Package Outline and Package Dimensions
Ordering Information
Integrated Circuit Systems, Inc.• 525 Race Street • San Jose •CA•95126 • (408)295-9800tel • www.icst.com
ICS reserves the right to make changes in the device data identified in this publication
without further notice. ICS advises its customers to obtain the latest version of all device
data to verify that any information being relied upon by the customer is current and accurate.
20 pin SSOP ( in inches)
r
e
b
m
u
N
r
e
d
r
O
/t
r
a
Pg
n
i
k
r
a
Mg
n
i
p
p
i
h
S
R
5
1
7
K
MR
5
1
7
K
Ms
e
b
u
T
R
T
R
5
1
7
K
MR
5
1
7
K
Ml
e
e
R
d
n
a
e
p
a
T
l
o
b
m
y
Sn
i
Mx
a
M
A3
5
0
.
09
6
0
.
0
1
A4
0
0
.
00
1
0
.
0
B8
0
0
.
02
1
0
.
0
C7
0
0
.
00
1
0
.
0
D7
3
3
.
04
4
3
.
0
E0
5
1
.
07
5
1
.
0
eC
S
B
5
2
0
.
0
H8
2
2
.
04
4
2
.
0
L6
1
0
.
00
5
0
.
0
L
B
A1
C
L
(For current dimensional specifications, see JEDEC Publication No. 95.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com