Electronic Components Datasheet Search
  English  ▼

X  

MK715RTR Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # MK715RTR
Description  Touch Screen Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK715RTR Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button MK715RTR Datasheet HTML 3Page - Integrated Circuit Systems MK715RTR Datasheet HTML 4Page - Integrated Circuit Systems MK715RTR Datasheet HTML 5Page - Integrated Circuit Systems MK715RTR Datasheet HTML 6Page - Integrated Circuit Systems MK715RTR Datasheet HTML 7Page - Integrated Circuit Systems MK715RTR Datasheet HTML 8Page - Integrated Circuit Systems MK715RTR Datasheet HTML 9Page - Integrated Circuit Systems MK715RTR Datasheet HTML 10Page - Integrated Circuit Systems MK715RTR Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
MK715
CONTROL (ADDRESS 3)
DESCRIPTION
Read
and
Write
SEL0. Clock select 0. See page 11.
SEL1. Clock select 1. See page 11.
SEL2. Clock select 2. See page 11.
SEL3. Clock select 3. See page 11.
SEL4. Clock select 4. See page 11.
CLKSEL. Clock frequency select.
See page 11. 0 = 14.3196 MHz
1 = 14.7456 MHz
Set to 0.
DIS32. Determines state of 32.768 kHz
oscillatorwhenPDasserted(STATUSregister).
Always set to zero.
TYPE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
RO
Power-up
State
0
0
0
0
0
0
0
0
0
Converter Control
The converter must be sequenced correctly - before writing RD1PT to one, the appropriate bit (e.g. SELGP) must
first be set in a previous write. Only the combinations shown above are permitted. Other combinations will give
unpredictable behavior.
Register Description (cont.)
B
S
E
R
P
D
RA
S
E
R
P
D
RL
P
L
E
SP
G
L
E
SR
N
O
C
N
ET
P
1
D
RD
E
M
R
O
F
R
E
P
N
O
I
S
R
E
V
N
O
C
00
0
0
0
1
o
t
0
e
h
t
n
o
s
n
o
i
s
r
e
v
n
o
c
2
s
m
r
o
f
r
e
P
X
n
a
n
e
h
t
d
n
a
Y
a
-
n
e
e
r
c
s
.
d
e
r
a
e
l
c
n
e
h
t
s
i
T
P
1
P
R
.
n
o
i
s
r
e
v
n
o
c
00
0
0
1
0
t
e
s
s
a
e
t
a
r
t
a
s
n
o
i
s
r
e
v
n
o
c
e
l
b
a
n
E
s
i
n
e
e
r
c
s
n
e
h
W
.r
e
t
s
i
g
e
r
E
T
A
R
n
i
s
e
t
a
r
e
p
o
r
e
t
r
e
v
n
o
c
,
d
e
h
c
u
o
t
s
i
h
c
u
o
t
o
n
li
t
n
u
y
l
s
u
o
n
it
n
o
c
y
ll
a
c
it
a
m
o
t
u
a
n
e
h
t
p
i
h
C
.
d
e
t
c
e
t
e
d
.
e
t
a
t
s
y
b
d
n
a
t
s
,r
e
w
o
p
w
o
l
o
t
s
e
o
g
00
0
1
0
1
o
t
0
P
G
n
o
n
o
i
s
r
e
v
n
o
c
e
n
o
s
m
r
o
f
r
e
P
.
d
e
r
a
e
l
c
s
i
T
P
1
D
R
.t
u
p
n
i
00
1
0
0
1
o
t
0
L
P
n
o
n
o
i
s
r
e
v
n
o
c
e
n
o
s
m
r
o
f
r
e
P
.
d
e
r
a
e
l
c
s
i
T
P
1
D
R
.t
u
p
n
i
01
0
0
0
1
o
t
0
d
n
a
Y
a
,
s
n
o
i
s
r
e
v
n
o
c
o
w
t
s
m
r
o
f
r
e
P
e
r
u
s
s
e
r
p
h
c
u
o
t
e
v
i
g
o
t
,
X
n
a
n
e
h
t
h
c
u
o
t
n
o
n
o
it
c
e
s
e
e
S
.
a
t
a
d
s
i
T
P
1
D
R
.t
n
e
m
e
r
u
s
a
e
m
e
r
u
s
s
e
r
p
.
d
e
r
a
e
l
c
10
0
0
0
1
o
t
0
d
n
a
Y
a
,
s
n
o
i
s
r
e
v
n
o
c
o
w
t
s
m
r
o
f
r
e
P
e
r
u
s
s
e
r
p
h
c
u
o
t
e
v
i
g
o
t
,
X
n
a
n
e
h
t
h
c
u
o
t
n
o
n
o
it
c
e
s
e
e
S
.
a
t
a
d
s
i
T
P
1
D
R
.t
n
e
m
e
r
u
s
a
e
m
e
r
u
s
s
e
r
p
.
d
e
r
a
e
l
c
R/W = Read/Write, RO = Read Only, WO = Write Only
11 10 9 8 7 6 5 3
42 1 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com