Electronic Components Datasheet Search
  English  ▼

X  

MAX3232 Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # MAX3232
Description  3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1關F External Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MAX3232 Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  MAX3232 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 8Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 9Page - Tiger Electronic Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
VCC = 5.0V
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
VCC Power-Supply Current
No load, VCC = 3.3V or 5.0V,
TA = +25°C
MAX3222/MAX3232/
MAX3241
0.3
1.0
mA
MAX3237
0.5
2.0
Shutdown Supply Current
SHDN = GND, TA = +25°C
1.0
10
µA
LOGIC INPUTS AND RECEIV R OUTPUTS
Input Logic Threshold Low
(Note 3)
T_IN, EN, SHDN, MBAUD
0.8
V
Input Logic Threshold High
(Note 3)
VCC = 3.3V
2.0
V
VCC = 5.0V
2.4
Input Leakage Current
T_IN, EN, SHDN, MBAUD
±0.01
±1.0
µA
Output Leakage Current
Receivers disabled
±0.05
±10
µA
Output Voltage Low
IOUT = 1.6mA
0.4
V
Output Voltage High
IOUT = -1.0mA
VCC - 0.6
VCC - 0.1
V
RECEIVER INPUTS
Input Voltage Range
-25
25
V
Input Threshold Low
TA = +25°C
VCC = 3.3V
0.6
1.2
V
VCC = 5.0V
0.8
1.5
Input Threshold High
VCC = 3.3V
1.5
2.4
V
VCC = 5.0V
1.8
2.4
ABSOLUTE MAXIMUM RATINGS
VCC ...........................................................................-0.3V to +6V
V+ (Note 1) ...............................................................-0.3V to +7V
V- (Note 1) ................................................................+0.3V to -7V
V+ + V- (Note 1)...................................................................+13V
Input Voltages
T_IN, SHDN, EN ...................................................-0.3V to +6V
MBAUD...................................................-0.3V to (VCC + 0.3V)
R_IN .................................................................................±25V
Output Voltages
T_OUT ...........................................................................±13.2V
R_OUT ....................................................-0.3V to (VCC + 0.3V)
Short-Circuit Duration
T_OUT ....................................................................Continuous
Continuous Power Dissipation (TA = +70°C)
16-Pin Plastic DIP (derate 10.53mW/°C above +70°C)...842mW
16-Pin Narrow SO (derate 8.70mW/°C above +70°C) ....696mW
16-Pin Wide SO (derate 9.52mW/°C above +70°C) ........762mW
16-Pin TSSOP (derate 6.7mW/°C above +70°C) .............533mW
18-Pin Plastic DIP (derate 11.11mW/°C above +70°C) ..889mW
18-Pin SO (derate 9.52mW/°C above +70°C)..............762mW
20-Pin SSOP (derate 8.00mW/°C above +70°C) .........640mW
20-Pin TSSOP (derate 7.0mW/°C above +70°C) .............559mW
28-Pin SO (derate 12.50mW/°C above +70°C) .....................1W
28-Pin SSOP (derate 9.52mW/°C above +70°C) .........762mW
28-Pin TSSOP (derate 8.7mW/°C above +70°C) .............696mW
Operating Temperature Ranges
MAX32_ _C_ _.....................................................0°C to +70°C
MAX32_ _E_ _ .................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
Note 1: V+ and V- can have a maximum magnitude of 7V, but their absolute difference cannot exceed 13V.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +5.5V, C1–C4 = 0.1µF (Note 2), TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
TA = +25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com