Electronic Components Datasheet Search
  English  ▼

X  

MAX3232 Datasheet(PDF) 3 Page - Tiger Electronic Co.,Ltd

Part # MAX3232
Description  3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1關F External Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MAX3232 Datasheet(HTML) 3 Page - Tiger Electronic Co.,Ltd

  MAX3232 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 8Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 9Page - Tiger Electronic Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +3.0V to +5.5V, C1–C4 = 0.1µF (Note 2), TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Hysteresis
0.3
V
Input Resistance
TA = +25°C
3
5
7
k
&
TRANSMITTER OUTPUTS
Output Voltage Swing
All transmitter outputs loaded with 3k
& to ground
±5.0
±5.4
V
Output Resistance
VCC = V+ = V- = 0V, TOUT = ±2V
300
10M
&
Output Short-Circuit Current
±35
±60
mA
Output Leakage Current
VOUT = ±12V, VCC = 0V or 3V to 5.5V, transmitters
disabled
±25
µA
MOUSE DRIVEABILITY (MAX3241)
Transmitter Output Voltage
T1IN = T2IN = GND, T3IN = VCC,
T3OUT loaded with 3k
& to GND,
T1OUT and T2OUT loaded with 2.5mA each
±5.0
V
TIMING CHARACTERISTICS—MAX3222/MAX3232/MAX3241
(VCC = +3.0V to +5.5V, C1–C4 = 0.1µF (Note 2), TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum Data Rate
RL = 3k&, CL = 1000pF, one transmitter switching
120
235
kbps
Receiver Propagation Delay
R_IN to R_OUT, CL = 150pF
tPHL
0.3
µs
tPLH
0.3
Receiver Output Enable Time
Normal operation
200
ns
Receiver Output Disable Time
Normal operation
200
ns
Transmitter Skew
| tPHL - tPLH |
300
ns
Receiver Skew
| tPHL - tPLH |
300
ns
Transition-Region Slew Rate
VCC = 3.3V, RL = 3& to 7k&,
+3V to -3V or -3V to +3V,
TA = +25°C
CL = 150pF to
1000pF
6
30
V/µs
CL = 150pF to
2500pF
4
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com