Electronic Components Datasheet Search
  English  ▼

X  

MAX3232 Datasheet(PDF) 12 Page - Tiger Electronic Co.,Ltd

Part # MAX3232
Description  3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1關F External Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MAX3232 Datasheet(HTML) 12 Page - Tiger Electronic Co.,Ltd

Back Button MAX3232 Datasheet HTML 8Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 9Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 10Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 11Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 12Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 13Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 14Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 15Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 16Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
SYSTEM
POWER-
SUPPLY
VOLTAGE
(V)
MAX32_ _
VCC
SUPPLY
VOLTAGE
(V)
COMPATIBILITY
3.3
3.3
Compatible with all CMOS
families.
5
5
Compatible with all TTL
and CMOS-logic families.
5
3.3
Compatible with ACT and
HCT CMOS, and with TTL.
Incompatible with AC, HC,
and CD4000 CMOS.
Interconnection with 3V and 5V Logic
The MAX3222/MAX3232/MAX3237/MAX3241 can
directly interface with various 5V logic families, includ-
ing ACT and HCT CMOS. See Table 3 for more informa-
tion on possible combinations of interconnections.
Table 3. Logic-Family Compatibility
with Various Supply Voltages
Typical Operating Circuits
+3.3V
0.1
F
C1
0.1
F
C2
0.1
F
2 C1+
4
C1-
5
C2+
6
C2-
12 T1IN
17
VCC
MAX3222
3
V+
7
V-
T1OUT 15
C3
*
0.1 F
C4
0.1 F
+3.3V
0.1 F
0.1 F
0.1 F
1 C1+
3
C1-
4
C2+
5
C2-
11 T1IN
16
VCC
MAX3232
2
V+
6
V-
T1OUT 14
C3
*
0.1 F
C4
0.1 F
TTL/CMOS
INPUTS
11 T2IN
T2OUT 8
RS-232
OUTPUTS
TTL/CMOS
INPUTS
10 T2IN
T2OUT 7
RS-232
OUTPUTS
TTL/CMOS
OUTPUTS
13
R1OUT
10 R2OUT
R1IN 14
5k
R2IN
9
RS-232
INPUTS
TTL/CMOS
OUTPUTS
12
R1OUT
9 R2OUT
R1IN 13
5k
R2IN
8
RS-232
INPUTS
1
EN
GND
16
5k
18
SHDN
5k
GND
15
PIN NUMBERS REFER TO DIP/SO PACKAGES.
* C3 CAN BE RETURNED TO EITHER VCC OR GROUND.
* C3 CAN BE RETURNED TO EITHER VCC OR GROUND.
SEE TABLE 2 FOR CAPACITOR SELECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com