Electronic Components Datasheet Search
  English  ▼

X  

MAX3232 Datasheet(PDF) 5 Page - Tiger Electronic Co.,Ltd

Part # MAX3232
Description  3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1關F External Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MAX3232 Datasheet(HTML) 5 Page - Tiger Electronic Co.,Ltd

  MAX3232 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 8Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 9Page - Tiger Electronic Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ALL OUTPUTS LOADED WITH 3k
+CL
0.1 F CHARGE-PUMP CAPACITORS
FOR ALL DATA RATES UP TO 235kbps
-SLEW
+SLEW
Operating Characteristics (continued)
(VCC = +3.3V, 235kbps data rate, 0.1µF capacitors, all transmitters loaded with 3kΩ, TA = +25°C, unless otherwise noted.)
7.5
5.0
2.5
0
-2.5
-5.0
-7.5
MAX3241
TRANSMITTER OUTPUT VOLTAGE
vs. LOAD CAPACITANCE
VOUT+
1 TRANSMITTER AT 235kbps
2 TRANSMITTERS AT 30kbps
VOUT-
MAX3241
SLEW RATE
vs. LOAD CAPACITANCE
24
22
20
18
16
14
12
10
8
6
4
MAX3241
SUPPLY CURRENT vs. LOAD CAPACITANCE
WHEN TRANSMITTING DATA
45
235kbps
40
35
30
120kbps
25
20
20kbps
15
10
5
0
0
1000
2000
3000
4000
5000
0
1000
2000
3000
4000
5000
0
1000
2000
3000
4000
5000
7.5
5.0
2.5
0
-2.5
-5.0
-7.5
LOAD CAPACITANCE (pF)
MAX3237
TRANSMITTER OUTPUT VOLTAGE
vs. LOAD CAPACITANCE (MBAUD = GND)
1 TRANSMITTER AT 240kbps
4 TRANSMITTERS AT 15kbps
3k
+ CL
LOADS VCC =
3.3V
7.5
5.0
2.5
0
-2.5
-5.0
-7.5
LOAD CAPACITANCE (pF)
MAX3237
TRANSMITTER OUTPUT VOLTAGE
vs. LOAD CAPACITANCE (MBAUD = VCC)
1Mbps
2Mbps
1.5Mbps
1 TRANSMITTER AT FULL DATA RATE
4 TRANSMITTERS AT 1/16 DATA RATE
3k
+ CL LOAD, EACH
OUTPUT VCC = 3.3V
1Mbps
LOAD CAPACITANCE (pF)
MAX3237
SLEW RATE vs. LOAD CAPACITANCE
(MBAUD = GND)
12
10
-SLEW
8
6
4
4 TRANSMITTERS AT 15kbps
2
3k
+ CL LOADS
0
0
1000
2000
3000
4000
5000
0
500
1000
1500
2000
0
1000
2000
3000
4000
5000
LOAD CAPACITANCE (pF)
MAX3237
SLEW RATE vs. LOAD CAPACITANCE
(MBAUD = VCC)
LOAD CAPACITANCE (pF)
MAX3237
SUPPLY CURRENT vs.
LOAD CAPACITANCE (MBAUD = GND)
LOAD CAPACITANCE (pF)
MAX3237
SKEW vs. LOAD CAPACITANCE
(tPLH - tPHL)
60
50
-SLEW, 1Mbps
50
+SLEW, 1Mbps
-SLEW, 2Mbps
40
40
+SLEW, 2Mbps
30
20
240kbps
120kbps
20kbps
1 TRANSMITTER AT 512kbps
60
4 TRANSMITTERS AT 32kbps
3k
+ CL LOADS
VCC = 3.3V
50
MBAUD = VCC
40
MAX
AVERAGE; 10 PARTS
30
20
1 TRANSMITTER AT FULL DATA
RATE
3k
+ CL LOAD EACH OUTPUT
0
VCC = 3.3V
1 TRANSMITTER AT FULL DATA RATE
20
4 TRANSMITTERS AT 1/16 DATA RATE
VCC = 3.3V
0
0
MIN
0
500
1000
1500
2000
0
1000
2000
3000
4000
5000
0
500
1000
1500
2000
2500
LOAD CAPACITANCE
(pF)
LOAD CAPACITANCE
(pF)
LOAD CAPACITANCE (pF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com