Electronic Components Datasheet Search
  English  ▼

X  

MAX3232 Datasheet(PDF) 8 Page - Tiger Electronic Co.,Ltd

Part # MAX3232
Description  3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1關F External Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MAX3232 Datasheet(HTML) 8 Page - Tiger Electronic Co.,Ltd

Back Button MAX3232 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 8Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 9Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 10Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 11Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 12Page - Tiger Electronic Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
VCC
Rx
PROTECTION
DIODE
UART
Tx
GND
VCC
SHDN = GND
PREVIOUS
RS-232
RS-232 Receivers
The receivers convert RS-232 signals to CMOS-logic out-
put levels. The MAX3222/MAX3237/MAX3241 receivers
have inverting three-state outputs. In shutdown, the
receivers can be active or inactive (Table 1).
The complementary outputs on the MAX3237 (R1OUTB)
and the MAX3241 (R1OUTB, R2OUTB) are always active,
regardless of the state of EN or SHDN. This allows for
Ring Indicator applications without forward biasing other
devices connected to the receiver outputs. This is ideal
for systems where VCC is set to 0V in shutdown to
accommodate peripherals, such as UARTs (Figure 2).
5k
MAX3222/MAX3237/MAX3241
Shutdown Mode
Supply current falls to less than 1µA in shutdown mode
(SHDN = low). When shut down, the device’s charge
pumps are turned off, V+ is pulled down to VCC, V- is
pulled to ground, and the transmitter outputs are dis-
abled (high impedance). The time required to exit shut-
a) OLDER RS-232: POWERED-DOWN UART DRAWS CURRENT FROM
ACTIVE RECEIVER OUTPUT IN SHUTDOWN.
VCC
down is typically 100µs, as shown in Figure 3. Connect
SHDN to VCC if the shutdown mode is not used. SHDN
has no effect on R_OUT or R_OUTB.
MAX3222/MAX3237/MAX3241
Enable Control
The inverting receiver outputs (R_OUT) are put into a
VCC
TO
LOGIC
P
TRANSITION
DETECTOR
Rx
R1OUTB
R1OUT
MAX3237
MAX3241
R1IN
high-impedance state when EN is high. The complemen-
tary outputs R1OUTB and R2OUTB are always active,
regardless of the state of EN and SHDN (Table 1). EN
has no effect on T_OUT.
Applications Information
Capacitor Selection
The capacitor type used for C1–C4 is not critical for
proper operation; polarized or nonpolarized capacitors
can be used. The charge pump requires 0.1µF capaci-
PROTECTION
DIODE
UART
Tx
GND
EN = VCC
T1IN
SHDN = GND
5k
T1OUT
tors for 3.3V operation. For other supply voltages, refer to
Table 2 for required capacitor values. Do not use values
lower than those listed in Table 2. Increasing the capaci-
tor values (e.g., by a factor of 2) reduces ripple on the
transmitter outputs and slightly reduces power consump-
tion. C2, C3, and C4 can be increased without changing
C1’s value. However, do not increase C1 without also
increasing the values of C2, C3, and C4, to maintain the
b) NEW MAX3237/MAX3241: EN SHUTS DOWN RECEIVER OUTPUTS (EXCEPT
FOR B OUTPUTS), SO NO CURRENT FLOWS TO UART IN SHUTDOWN. B
OUTPUTS INDICATE RECEIVER ACTIVITY DURING SHUTDOWN WITH EN HIGH.
Figure 2. Detection of RS-232 Activity when the UART and
Interface are Shut Down; Comparison of MAX3237/MAX3241
(b) with Previous Transceivers (a).
proper ratios (C1 to the other capacitors).
When using the minimum required capacitor values,
make sure the capacitor value does not degrade exces-
sively with temperature. If in doubt, use capacitors with a
higher nominal value. The capacitor’s equivalent series
resistance (ESR), which usually rises at low tempera-
tures, influences the amount of ripple on V+ and V-.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com