Electronic Components Datasheet Search
  English  ▼

X  

MAX3232 Datasheet(PDF) 11 Page - Tiger Electronic Co.,Ltd

Part # MAX3232
Description  3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1關F External Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MAX3232 Datasheet(HTML) 11 Page - Tiger Electronic Co.,Ltd

Back Button MAX3232 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 8Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 9Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 10Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 11Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 12Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 13Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 14Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 15Page - Tiger Electronic Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
VCC
0.1 F
T1IN
5V/div
C1+
C1
C1-
C2+
C2
C2-
T_ IN
VCC
MAX3222
MAX3232
MAX3237
MAX3241
V+
C3
V-
C4
T_ OUT
T1OUT
R1OUT
VCC =
3.3V
5
s/div
5V/div
5V/div
Figure 6. MAX3241 Loopback Test Result at 120kbps
0V
VCC
R_ OUT
EN
*
SHDN
*
GND
R_ IN
5k
1000pF
T1IN
T1OUT
5V/div
5V/div
* MAX3222/MAX3241 ONLY
Figure 5. Loopback Test Circuit
R1OUT
VCC =
3.3V
2
s/div
5V/div
High Data Rates
The MAX3222/MAX3232/MAX3241 maintain the RS-232
±5.0V minimum transmitter output voltage even at high
data rates. Figure 5 shows a transmitter loopback test
circuit. Figure 6 shows a loopback test result at
Figure 7. MAX3241 Loopback Test Result at 235kbps
+5V
120kbps, and Figure 7 shows the same test at 235kbps.
For Figure 6, all transmitters were driven simultaneously
at 120kbps into RS-232 loads in parallel with 1000pF.
For Figure 7, a single transmitter was driven at 235kbps,
and all transmitters were loaded with an RS-232 receiver
in parallel with 1000pF.
The MAX3237 maintains the RS-232 ±5.0V minimum
transmitter output voltage at data rates up to 1Mbps.
Figure 8 shows a loopback test result at 1Mbps with
MBAUD = VCC. For Figure 8, all transmitters were
loaded with an RS-232 receiver in parallel with 250pF.
0V
+5V
0V
-5V
+5V
0V
VCC =
3.3V
200ns/div
T_IN
T_OUT = R_IN
5k + 250pF
R_OUT
150pF
Figure 8. MAX3237 Loopback Test Result at 1000kbps
(MBAUD = VCC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com