Electronic Components Datasheet Search
  English  ▼

X  

MAX3232 Datasheet(PDF) 14 Page - Tiger Electronic Co.,Ltd

Part # MAX3232
Description  3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1關F External Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MAX3232 Datasheet(HTML) 14 Page - Tiger Electronic Co.,Ltd

Back Button MAX3232 Datasheet HTML 8Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 9Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 10Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 11Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 12Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 13Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 14Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 15Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 16Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Pin Configurations (continued)
TOP VIEW
EN
1
C1+
2
V+
3
C1-
4
C2+
5
C2-
6
V-
7
T2OUT
8
R2IN
9
MAX3222
20 SHDN
19
VCC
18 GND
17
T1OUT
16 R1IN
15 R1OUT
14 N.C.
13
T1IN
12 T2IN
C1+
1
V+
2
C1-
3
C2+
4
C2-
5
V-
6
T2OUT
7
R2IN
8
MAX3232
16
VCC
15
GND
14
T1OUT
13
R1IN
12
R1OUT
11
T1IN
10
T2IN
9
R2OUT
R2OUT 10
11
SSOP/TSSOP
N.C.
DIP/SO/TSSOP
C2+
1
28 C1+
C2+
1
28
C1+
GND
2
C2-
3
V-
4
T1OUT
5
27
V+
26 VCC
25 C1-
24 T1IN
C2-
2
V-
3
R1IN
4
R2IN
5
27
V+
26
VCC
25
GND
24
C1-
MAX3237
MAX3241
T2OUT
6
23 T2IN
R3IN
6
23
EN
T3OUT
7
R1IN
8
R2IN
9
T4OUT 10
R3IN 11
T5OUT 12
EN
13
SHDN
14
22
T3IN
21 R1OUT
20 R2OUT
19
T4IN
18 R3OUT
17
T5IN
16 R1OUTB
15 MBAUD
R4IN
7
R5IN
8
T1OUT
9
T2OUT 10
T3OUT 11
T3IN 12
T2IN 13
T1IN 14
22
SHDN
21
R1OUTB
20
R2OUTB
19
R1OUT
18
R2OUT
17
R3OUT
16
R4OUT
15
R5OUT
SSOP
SO/SSOP/TSSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com