Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 102 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 102 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 98Page - Intel Corporation 82374EB Datasheet HTML 99Page - Intel Corporation 82374EB Datasheet HTML 100Page - Intel Corporation 82374EB Datasheet HTML 101Page - Intel Corporation 82374EB Datasheet HTML 102Page - Intel Corporation 82374EB Datasheet HTML 103Page - Intel Corporation 82374EB Datasheet HTML 104Page - Intel Corporation 82374EB Datasheet HTML 105Page - Intel Corporation 82374EB Datasheet HTML 106Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 208 page
background image
82374EB82374SB
Table 4 ESC IO Register Address Map
(Continued)
Address
(Hex)
Address (Bit)
Type
Name
Block
FEDC
BA98
7654
3210
0005H
0000
0000
000x
0101
RW
DMA1 CH2 Base and Current Count
DMA
0006h
0000
0000
000x
0110
RW
DMA1 CH3 Base and Current Address
DMA
0007h
0000
0000
000x
0111
RW
DMA1 CH3 Base and Current Count
DMA
0008h
0000
0000
000x
1000
RW
DMA1 Status(r) Command(w) Register
DMA
0009h
0000
0000
000x
1001
WO
DMA1 Write Request
DMA
000Ah
0000
0000
000x
1010
WO
DMA1 Write Single Mask Bit
DMA
000Bh
0000
0000
000x
1011
WO
DMA1 Write Mode
DMA
000Ch
0000
0000
000x
1100
WO
DMA1 Clear Byte Pointer
DMA
000Dh
0000
0000
000x
1101
WO
DMA1 Master Clear
DMA
000Eh
0000
0000
000x
1110
WO
DMA1 Clear Mask
DMA
000Fh
0000
0000
000x
1111
RW
DMA1 ReadWrite All Mask Register Bits
DMA
0020h
0000
0000
001x
xx00
RW
INT 1 Control
PIC
0021h
0000
0000
001x
xx01
RW
INT 1 Mask
PIC
0022h
0000
0000
0010
0010
RW
Configuration Address Index
CONF
0023h
0000
0000
0010
0011
RW
Configuration Data Index
CONF
0040h
0000
0000
010x
0000
RW
Timer 1 Counter 0System Clock
TC
0041h
0000
0000
010x
0001
RW
Timer1 Counter 1Refresh Request
TC
0042h
0000
0000
010x
0010
RW
Timer 1 Counter 2Speaker Tone
TC
0043h
0000
0000
010x
0011
WO
Timer 1 Command Mode
TC
0048h
0000
0000
010x
1000
RW
Timer 2 Counter 0Fail-Safe Timer
TC
0049h
0000
0000
010x
1001
RW
Timer 2 Counter 1Reserved
TC
004Ah
0000
0000
010x
1010
RW
Timer 2 Counter 2CPU Speed Control
TC
004Bh
0000
0000
010x
1011
WO
Timer 2 Command Mode Register
TC
0061h
0000
0000
0110
00x1
RW
NMI Status and Control
Control
102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com