Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 57 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 57 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 53Page - Intel Corporation 82374EB Datasheet HTML 54Page - Intel Corporation 82374EB Datasheet HTML 55Page - Intel Corporation 82374EB Datasheet HTML 56Page - Intel Corporation 82374EB Datasheet HTML 57Page - Intel Corporation 82374EB Datasheet HTML 58Page - Intel Corporation 82374EB Datasheet HTML 59Page - Intel Corporation 82374EB Datasheet HTML 60Page - Intel Corporation 82374EB Datasheet HTML 61Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 208 page
background image
82374EB82374SB
Bit
Description
32
Addressing Mode
The ESC supports 8- 16- and 32-bit DMA device data sizes The four data size
options are programmable with bits 32 Both the 8 bit IO ‘‘Count By Bytes’’ Mode and the 16-bit
IO ‘‘Count By Words’’ (Address Shifted) Mode are ISA compatible The 16-bit and 32-bit IO ‘‘Count
By Bytes’’ Modes are EISA extensions Byte assemblydisassembly is performed by the EISA Bus
Controller Each of the data transfer size modes is discussed below
00
8-Bit IO ‘‘Count By Bytes’’ Mode
In 8 bit IO ‘‘count by bytes’’ mode the address counter can be programmed to any address The
count register is programmed with the ‘‘number of bytes minus 1’’ to transfer
01
16-Bit IO ‘‘Count By Words’’ (Address Shifted) Mode
In ‘‘count by words’’ mode (address shifted) the address counter can be programmed to any even
address but must be programmed with the address value shifted right by one bit The Page registers
are not shifted during DMA transfers Thus the least significant bit of the Low Page register is ignored
when the address is driven out onto the bus The Word Count register is programmed with the number
of words minus 1 to be transferred
10
32-Bit IO ‘‘Count By Bytes’’ Mode
In 32-bit ‘‘count by bytes’’ mode the address counter can be programmed to any byte address For
most DMA devices however it should only be programmed to a Dword aligned address If the starting
address is not Dword aligned then the DMA controller will do a partial Dword transfer during the first
and last during the first and last transfers if necessary The bus controller logic will do the byteword
assembly necessary to read or write any size memory device and both the DMA and bus controllers
support burst for this mode In this mode the Address register is usually incremented or decremented
by four and the byte count is usually decremented by four The Count register should be programmed
with the number of bytes to be transferred minus 1
11
16-Bit IO ‘‘Count By Bytes’’ Mode
In 16-bit ‘‘count by bytes’’ mode the address counter can be programmed to any byte address For
most DMA devices however it should be programmed only to even addresses If the address is
programmed to an odd address then the DMA controller will do a partial word transfer during the first
and last transfer if necessary The bus controller will do the byteword assembly necessary to write
any size memory device In this mode the Address register is incremented or decremented by two and
the byte count is decremented by the number of bytes transferred during each bus cycle The Word
Count register is programmed with the ‘‘number of bytes minus 1’’ to be transferred This mode is
offered as an extension of the two ISA compatible modes discussed above This mode should only be
programmed for 16 bit ISA DMA slaves
10
DMA Channel Select
Bits 10 select the particular channel that will have its DMA Channel Extend
Mode Register programmed with bits 72
Bits 10
Channel
00
Channel 0 (4)
01
Channel 1 (5)
10
Channel 2 (6)
11
Channel 3 (7)
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com